Selected language     English  ▼


CS61535A-IP1 Datasheet(PDF) 10 Page - Cirrus Logic

Part No. CS61535A-IP1
Description  T1/E1 LINE INTERFACE
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 10 page
background image
THEORY OF OPERATION
Enhancements in CS61535A
The CS61535A provides higher performance and
more features than the CS61535 including:
• 50% lower power consumption,
• Internally matched transmitter output imped-
ance for improved signal quality,
• Optional AMI, B8ZS, HDB3 encoder/decoder
or external line coding support,
• Receiver AIS (unframed all ones) detection,
• ANSI T1.231-1993 compliant receiver Loss
of Signal (LOS) handling,
• Transmitter TTIP and TRING outputs are
forced low when TCLK is static,
• The Driver Performance Monitor operates
over a wider range of input signal levels.
• Elimination of the requirement that a refer-
ence clock be input on the ACLKI pin.
Existing designs using the CS61535 can be converted
to the higher performance, pin-compatible CS61535A
if the transmit transformer is replaced by a pin-com-
patible transformer with a new turns ratio and the 4.4
Ω resistor used in E1 75 Ω applications is shorted.
Introduction to Operating Modes
The CS61535A supports three operating modes
which are selected by the level of the MODE pin
as shown in Tables 1 and 2, Figure 7, and Figures
A1-A3 of the Applications section.
The CS61535A modes are Hardware Mode, Ex-
tended Hardware Mode, and Host Mode. In
Hardware and Extended Hardware Modes, discrete
pins are used to configure and monitor the device.
The Extended Hardware Mode provides a parallel
chip select input which latches the control inputs
allowing individual ICs to be configured using a
common set of control lines. In the Host Mode, an
external processor monitors and configures the de-
vice through a serial interface. There are thirteen
multi-function pins whose functionality is deter-
mined by the operating mode (see Table 2).
Transmitter
The transmitter takes data from a T1 (or E1) ter-
minal, attenuates jitter, and produces pulses of
appropriate shape. The transmit clock, TCLK,
and transmit data, TPOS & TNEG or TDATA, are
supplied synchronously. Data is sampled on the
falling edge of the input clock, TCLK.
Either T1 (DSX-1 or Network Interface) or E1
G.703 pulse shapes may be selected. Pulse shap-
ing and signal level are determined by "line
length select" inputs as shown in Table 3. The
MODE
HARDWARE
EXTENDED
HARDWARE
HOST
MODE-PIN
INPUT LEVEL
<0.2V
FLOAT, or
2.5V
>(RV+) - 0.2V
CONTROL
METHOD
INDIVIDUAL
CONTROL
LINES
INDIVIDUAL
CONTROL
LINES &
PARALLEL
CHIP
SELECT
SERIAL
µ-PROCESSOR
PORT
LINE CODE
ENCODER &
DECODER
NONE
AMI,
B8ZS,
HDB3
NONE
AIS DETECTION
NO
YES
NO
DRIVER
PERFORM-
ANCE MONITOR
YES
NO
YES
Table 1. Differences in Operating Modes
MODE
FUNCTION
PIN
HARDWARE
EXTENDED
HARDWARE
HOST
TRANSMITTER
3TPOS
TDATA
TPOS
4TNEG
TCODE
TNEG
RECEIVER/DPM
6
RNEG
BPV
RNEG
7
RPOS
RDATA
RPOS
11
DPM
AIS
DPM
17
MTIP
RCODE
MTIP
18
MRING
-
MRING
CONTROL
18
-
PCS
-
23
LEN0
LEN0
INT
24
LEN1
LEN1
SDI
25
LEN2
LEN2
SDO
26
RLOOP
RLOOP
CS
27
LLOOP
LLOOP
SCLK
28
TAOS
TAOS
CLKE
Table 2. Pin Definitions
CS61535A
10
DS40F2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STLC3055WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT 1 2 3 4 5 MoreSTMicroelectronics
TS634DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
PBL38661-2Subscriber Line Interface Circuit 1 2 3 4 5 MoreEricsson
HC5503CUnbalanced PBX/Key System SLIC Subscriber Line Interface Circuit 1 2 3 4 5 Intersil Corporation
MH88422Line Interface Circuit Preliminary Information 1 2 3 4 5 MoreMitel Networks Corporation
XRT75L00E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XE02042-Wire/4-Wire Telephone Line Interface 1 2 3 4 5 MoreList of Unclassifed Manufacturers
XRT75L00DE3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER 1 2 3 4 5 MoreExar Corporation
CS61584ADUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl