Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5115VI-10-GT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5115VI-10-GT3
Description  32?릘ap Digital Potentiometer (POT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5115VI-10-GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5115VI-10-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5115VI-10-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5115VI-10-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5115VI-10-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5115VI-10-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5115VI-10-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5115VI-10-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5115VI-10-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5115VI-10-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 Semiconductor Components Industries, LLC, 2013
June, 2013 − Rev. 11
1
Publication Order Number:
CAT5115/D
CAT5115
32‐tap Digital
Potentiometer (POT)
Description
The CAT5115 is a single digital POT designed as an electronic
replacement for mechanical potentiometers and trim pots. Ideal for
automated adjustments on high volume production lines, they are also
well suited for applications where equipment requiring periodic
adjustment is either difficult to access or located in a hazardous or
remote environment.
The CAT5115 contains a 32-tap series resistor array connected
between two terminals RH and RL. An up/down counter and decoder
that are controlled by three input pins, determines which tap is
connected to the wiper, RW. The wiper is always set to the mid point,
tap 15 at power up. The tap position is not stored in memory.
Wiper-control of the CAT5115 is accomplished with three input
control pins, CS, U/D, and INC. The INC input increments the wiper
in the direction which is determined by the logic state of the U/D input.
The CS input is used to select the device.
The digital POT can be used as a three-terminal resistive divider or
as a two-terminal variable resistor. Digital POTs bring variability and
programmability to a wide variety of applications including control,
parameter adjustments, and signal processing.
For a pin-compatible device that recalls a stored tap position on
power-up refer to the CAT5114 data sheet.
Features
32-position Linear Taper Potentiometer
Low Power CMOS Technology
Single Supply Operation: 2.5 V − 6.0 V
Increment Up/Down Serial Interface
Resistance Values: 10 kW, 50 kW and 100 kW
Available in PDIP, SOIC, TSSOP, MSOP Packages
These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Automated Product Calibration
Remote Control Adjustments
Offset, Gain and Zero Control
Tamper-proof Calibrations
Contrast, Brightness and Volume Controls
Motor Controls and Feedback Systems
Programmable Analog Functions
http://onsemi.com
PIN CONFIGURATIONS
RH
RWB
RL
U/D
INC
VCC
CS
1
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
SOIC−8
V SUFFIX
CASE 751BD
MSOP−8
Z SUFFIX
CASE 846AD
GND
PDIP (L), SOIC (V), MSOP (Z)
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
TSSOP (Y)
(Top Views)
GND
RH
U/D
INC
RWB
CS
VCC
RL
1


Similar Part No. - CAT5115VI-10-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5115VI-10-GT3 ONSEMI-CAT5115VI-10-GT3 Datasheet
286Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
More results

Similar Description - CAT5115VI-10-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer (POT)
August, 2016 ??Rev. P0
CAT5126 ONSEMI-CAT5126_13 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
CAT5112VI-50 ONSEMI-CAT5112VI-50 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5112VI10 ONSEMI-CAT5112VI10 Datasheet
201Kb / 10P
   32?릘ap Digital Potentiometer (POT) with Buffered Wiper
June, 2013 ??Rev. 16
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com