Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5127ZI-10-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5127ZI-10-GT3
Description  32?릘ap Digital Potentiometers (POTs)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5127ZI-10-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5127ZI-10-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CAT5127, CAT5129
http://onsemi.com
2
Figure 1. Functional Diagrams
Control
and
Memory
POR
GND
Control
and
Memory
POR
GND
VCC
RH
RL
RP
(U/D)
(INC)
(CS)
CAT5127
CAT5129
VCC
RH
(U/D)
(INC)
(CS)
Table 1. PIN DESCRIPTIONS
Name
Function
CAT5127
MSOP/TDFN
CAT5129
SOT23
INC
Increment Control
1
4
U/D
Up/Down Control
2
3
RH
Potentiometer High Terminal
3
5
GND
Ground
4
2
NC
No Connect
5
RL
Potentiometer Low Terminal
6
CS
Chip Select
7
1
VCC
Supply Voltage
8
6
DEVICE DESCRIPTION
INC: Increment Control Input
The INC input moves the wiper in the up or down
direction determined by the condition of the U/D input.
U/D: Up/Down Control Input
The U/D input controls the direction of the wiper
movement. When in a high state and CS is low, any
high-to-low transition on INC will cause the wiper to move
one increment toward the RH terminal. When in a low state
and CS is low, any high-to-low transition on INC will cause
the wiper to move one increment towards the RL terminal.
RH: High End Potentiometer Terminal
RH is the high end terminal of the potentiometer. It is not
required that this terminal be connected to a potential greater
than the RL terminal. Voltage applied to the RH terminal
cannot exceed the supply voltage, VCC or go below ground,
GND.
RL: Low End Potentiometer Terminal (CAT5127 only)
RL is the low end terminal of the potentiometer. It is not
required that this terminal be connected to a potential less
than the RH terminal. Voltage applied to the RL terminal
cannot exceed the supply voltage, VCC or go below ground,
GND. RL and RH are electrically interchangeable.
CS: Chip Select
The chip select input is used to activate the control input
of the device and is active low. When in a high state, activity
on the INC and U/D inputs will not affect or change the
position of the wiper. CAT5127 has an internal pull-up
resistor on the CS input pin.
VCC: Supply Input for the device.


Similar Part No. - CAT5127ZI-10-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127ZI-10-GT3 CATALYST-CAT5127ZI-10-GT3 Datasheet
494Kb / 12P
   32-Tap Digitally Programmable Potentiometer (DPP TM)
CAT5127ZI-10-GT3 CATALYST-CAT5127ZI-10-GT3 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127ZI-10-GT3 CATALYST-CAT5127ZI-10-GT3 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5127ZI-10-GT3 ONSEMI-CAT5127ZI-10-GT3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
CAT5127ZI-10-GT3 ONSEMI-CAT5127ZI-10-GT3 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
More results

Similar Description - CAT5127ZI-10-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5124 ONSEMI-CAT5124_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5110 ONSEMI-CAT5110_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5119 ONSEMI-CAT5119_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5125 ONSEMI-CAT5125_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5123 ONSEMI-CAT5123_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5118 ONSEMI-CAT5118_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
N57L5125 ONSEMI-N57L5125 Datasheet
83Kb / 8P
   32?릘ap Digital Potentiometers (POTs)
August, 2016 ??Rev. P0
CAT5121 ONSEMI-CAT5121_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5122 ONSEMI-CAT5122_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5120 ONSEMI-CAT5120_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com