Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5126ZI-00-GT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5126ZI-00-GT3
Description  One?릘ime Digital 32?릘ap Potentiometer (POT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5126ZI-00-GT3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5126ZI-00-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5126ZI-00-GT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CAT5126
http://onsemi.com
5
Detailed Description
The CAT5126 devices are 10 k
W/50 kW/100 kW
(end-to-end resistance) digitally controlled potentiometers.
They have 32-tap positions that are accessible to the wiper
along the resistor array between RH and RL.
The wiper (RW) position is adjusted sequentially through
the tap positions using a simple I2C interface. These digital
potentiometers have an optional one-time programmable
feature that sets the POR position of the wiper. The I2C
interface can then be disabled, permanently preventing
unwanted adjustment.
Digital Interface Operation
The CAT5126 devices have two modes of operation when
the serial interface is active: increment mode and decrement
mode. The serial interface is only active when CS is low.
The CS and U/D inputs control the position of the wiper
along the resistor array. When CS transitions from high to
low, the part goes into increment mode if U/D is high
(Figure 6), and into decrement mode if U/D is low
(Figure 7). Once the mode is set, the device remains in that
mode until CS goes high. A low-to-high transition at the U/D
increments or decrements the wiper position depending on
the current mode.
The value of the counter is then stored and the wiper
position is maintained till the device is Powered down.
The wiper performs a make-before-break transition,
ensuring that there is never an open circuit during a
transition from one resistor tap to another. When the wiper
is at either end (max/min) of the resistor array, additional
transitions in the direction of the endpoint do not change the
counter value (the counter does not wrap around).
One−Time Programming
The factory-set default position of the wiper on power-up
is tap 16. However, the power-up position can be changed
once using the one-time programming feature. After the
wiper is moved to the desired position, the programming
sequence is initiated by setting U/D high, applying 10 V to
VPP, and then taking CS low. Five pulses on CS (consisting
of CS starting from low and going high for tCH and then low
for tCL) program the device (Figure 8). The programming
voltage should then be taken to zero. After the device is
programmed, VPP can be set to zero or be allowed to float.
The wiper position is still adjustable, but always returns to
this programmed position on power−up.
Figure 6. Increment Mode Serial Interface Timing Diagram
tCI
tCU
tUP
tIC
tIH
tIW
tIL
VDD
CS
U/D
VW
Figure 7. Decrement Mode Serial Interface Timing Diagram
tIC
tIL
tIH
tIW
tCI
tCU
tUP
VW
U/D
CS
VDD


Similar Part No. - CAT5126ZI-00-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5126ZI-00-GT3 CATALYST-CAT5126ZI-00-GT3 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
CAT5126ZI-00-GT3 CATALYST-CAT5126ZI-00-GT3 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
logo
ON Semiconductor
CAT5126ZI-00-GT3 ONSEMI-CAT5126ZI-00-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
CAT5126ZI-00-GT3 ONSEMI-CAT5126ZI-00-GT3 Datasheet
628Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. D
More results

Similar Description - CAT5126ZI-00-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer (POT)
August, 2016 ??Rev. P0
CAT5115 ONSEMI-CAT5115_13 Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
CAT5112VI-50 ONSEMI-CAT5112VI-50 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5112VI10 ONSEMI-CAT5112VI10 Datasheet
201Kb / 10P
   32?릘ap Digital Potentiometer (POT) with Buffered Wiper
June, 2013 ??Rev. 16
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com