Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5419 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT5419
Description  Dual Digital Potentiometer (POT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5419 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT5419_13 Datasheet HTML 3Page - ON Semiconductor CAT5419_13 Datasheet HTML 4Page - ON Semiconductor CAT5419_13 Datasheet HTML 5Page - ON Semiconductor CAT5419_13 Datasheet HTML 6Page - ON Semiconductor CAT5419_13 Datasheet HTML 7Page - ON Semiconductor CAT5419_13 Datasheet HTML 8Page - ON Semiconductor CAT5419_13 Datasheet HTML 9Page - ON Semiconductor CAT5419_13 Datasheet HTML 10Page - ON Semiconductor CAT5419_13 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CAT5419
http://onsemi.com
7
SERIAL BUS PROTOCOL
The following defines the features of the 2-wire bus
protocol:
1. Data transfer may be initiated only when the bus is
not busy.
2. During a data transfer, the data line must remain
stable whenever the clock line is high. Any
changes in the data line while the clock is high
will be interpreted as a START or STOP condition.
The device controlling the transfer is a master, typically a
processor or controller, and the device being controlled is the
slave. The master will always initiate data transfers and
provide the clock for both transmit and receive operations.
Therefore, the CAT5419 will be considered a slave device
in all applications.
START Condition
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of SDA
when SCL is HIGH. The CAT5419 monitors the SDA and
SCL lines and will not respond until this condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
DEVICE ADDRESSING
The bus Master begins a transmission by sending a
START condition. The Master then sends the address of the
particular slave device it is requesting. The four most
significant bits of the 8-bit slave address are fixed as 0101
for the CAT5419 (see Figure 5). The next four significant
bits (A3, A2, A1, A0) are the device address bits and define
which device the Master is accessing. Up to sixteen devices
may be individually addressed by the system. Typically,
+5 V and ground are hard-wired to these pins to establish the
device’s address.
After the Master sends a START condition and the slave
address byte, the CAT5419 monitors the bus and responds
with an acknowledge (on the SDA line) when its address
matches the transmitted slave address.
Acknowledge
After a successful data transfer, each receiving device is
required to generate an acknowledge. The Acknowledging
device pulls down the SDA line during the ninth clock cycle,
signaling that it received the 8 bits of data.
The CAT5419 responds with an acknowledge after
receiving a START condition and its slave address. If the
device has been selected along with a write operation, it
responds with an acknowledge after receiving each 8-bit
byte.
When the CAT5419 is in a READ mode it transmits 8 bits
of data, releases the SDA line, and monitors the line for an
acknowledge. Once it receives this acknowledge, the
CAT5419 will continue to transmit data. If no acknowledge
is sent by the Master, the device terminates data transmission
and waits for a STOP condition.
Figure 5. Acknowledge Timing
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
Write Operations
In the Write mode, the Master device sends the START
condition and the slave address information to the Slave
device. After the Slave generates an acknowledge, the
Master sends the instruction byte that defines the requested
operation of CAT5419. The instruction byte consist of a
four-bit opcode followed by two register selection bits and
two pot selection bits. After receiving another acknowledge
from the Slave, the Master device transmits the data to be
written into the selected register. The CAT5419
acknowledges once more and the Master generates the
STOP condition, at which time if a nonvolatile data register
is being selected, the device begins an internal programming
cycle to non-volatile memory. While this internal cycle is in
progress, the device will not respond to any request from the
Master device.


Similar Part No. - CAT5419_13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5419WI-00 CATALYST-CAT5419WI-00 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419WI-00 ONSEMI-CAT5419WI-00 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
CAT5419WI-00-T1 ONSEMI-CAT5419WI-00-T1 Datasheet
267Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. J
logo
Catalyst Semiconductor
CAT5419WI-10 CATALYST-CAT5419WI-10 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419WI-10 ONSEMI-CAT5419WI-10 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results

Similar Description - CAT5419_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com