Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4316A Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HC4316A
Description  Quad Analog Switch/ Multiplexer/Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4316A Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HC4316A_14 Datasheet HTML 1Page - ON Semiconductor MC74HC4316A_14 Datasheet HTML 2Page - ON Semiconductor MC74HC4316A_14 Datasheet HTML 3Page - ON Semiconductor MC74HC4316A_14 Datasheet HTML 4Page - ON Semiconductor MC74HC4316A_14 Datasheet HTML 5Page - ON Semiconductor MC74HC4316A_14 Datasheet HTML 6Page - ON Semiconductor MC74HC4316A_14 Datasheet HTML 7Page - ON Semiconductor MC74HC4316A_14 Datasheet HTML 8Page - ON Semiconductor MC74HC4316A_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC74HC4316A
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
(Ref. to GND)
(Ref. to VEE)
–0.5 to +7.0
–0.5 to +14.0
V
VEE
Negative DC Supply Voltage (Ref. to GND)
–7.0 to +0.5
V
VIS
Analog Input Voltage
VEE – 0.5
to VCC + 0.5
V
Vin
DC Input Voltage (Ref. to GND)
–0.5 to VCC + 0.5
V
I
DC Current Into or Out of Any Pin
±25
mA
PD
Power Dissipation in Still Air
SOIC Package*
500
mW
Tstg
Storage Temperature
– 65 to + 150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds)
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of
these limits are exceeded, device functionality should not be assumed, damage may occur and
reliability may be affected.
*Derating − SOIC Package: –7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage (Ref. to GND)
2.0
6.0
V
VEE
Negative DC Supply Voltage (Ref. to GND)
–6.0
GND
V
VIS
Analog Input Voltage
VEE
VCC
V
Vin
Digital Input Voltage (Ref. to GND)
GND
VCC
V
VIO*
Static or Dynamic Voltage Across Switch
1.2
V
TA
Operating Temperature, All Package Types
–55
+125
°C
tr, tf
Input Rise and Fall Time
VCC = 2.0 V
(Control or Enable Inputs)
VCC = 3.0 V
(Figure 10)
VCC = 4.5 V
VCC = 6.0 V
0
0
0
0
1000
600
500
400
ns
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
*For voltage drops across the switch greater than 1.2 V (switch on), excessive VCC current may be drawn; i.e., the current out of the switch may
contain both VCC and switch input components. The reliability of the device will be unaffected unless the Maximum Ratings are exceeded.
DC ELECTRICAL CHARACTERISTICS Digital Section (Voltages Referenced to GND) VEE = GND Except Where Noted
Symbol
Parameter
Test Conditions
VCC
V
Guaranteed Limit
Unit
–55 to
25
°C
≤ 85°C
≤ 125°C
VIH
Minimum High−Level Voltage, Control
or Enable Inputs
Ron = Per Spec
2.0
3.0
4.5
6.0
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
V
VIL
Maximum Low−Level Voltage, Control
or Enable Inputs
Ron = Per Spec
2.0
3.0
4.5
6.0
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
V
Iin
Maximum Input Leakage Current,
Control or Enable Inputs
Vin = VCC or GND
VEE = –6.0 V
6.0
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent Supply Current
(per Package)
Vin = VCC or GND
VIO = 0 V
VEE = GND
VEE = –6.0
6.0
6.0
2
4
20
40
40
160
mA
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.
I/O pins must be connected to a
properly terminated line or bus.


Similar Part No. - MC74HC4316A_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4316A ONSEMI-MC74HC4316A_11 Datasheet
174Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
May, 2011 ??Rev. 7
More results

Similar Description - MC74HC4316A_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com