Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G66DFT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74VHC1G66DFT1G
Description  SPST (NO) Normally Open Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G66DFT1G Datasheet(HTML) 6 Page - ON Semiconductor

  MC74VHC1G66DFT1G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G66DFT1G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G66DFT1G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G66DFT1G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G66DFT1G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G66DFT1G Datasheet HTML 6Page - ON Semiconductor MC74VHC1G66DFT1G Datasheet HTML 7Page - ON Semiconductor MC74VHC1G66DFT1G Datasheet HTML 8Page - ON Semiconductor MC74VHC1G66DFT1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC74VHC1G66
www.onsemi.com
6
Figure 10. Maximum On−Channel Bandwidth
Test Set−Up
Figure 11. Off−Channel Feedthrough Isolation
Test Set−Up
Figure 12. Feedthrough Noise, ON/OFF Control to
Analog Out, Test Set−Up
Figure 13. Total Harmonic Distortion Test Set−Up
5
1
2
4
3
VCC
*Includes all probe and jig capacitance.
dB
Meter
0.1
mF
VOS
fin
5
1
2
4
3
VCC
*Includes all probe and jig capacitance.
dB
Meter
0.1
mF
VOS
fin
RL
VIS
5
1
2
4
3
VCC
*Includes all probe and jig capacitance.
VOS
(VCC)/2
IS
RL
RL
GND
VCC
V
IN v
1MHz
tr + tf + 2ns
5
1
2
4
3
VCC
*Includes all probe and jig capacitance.
0.1
mF
VIS
fin
VOS
To Distortion
Meter
(VCC)/2
RL


Similar Part No. - MC74VHC1G66DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G66DFT1G ONSEMI-MC74VHC1G66DFT1G Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
More results

Similar Description - MC74VHC1G66DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
August, 2011 ??Rev. 15
NS5B1G385 ONSEMI-NS5B1G385 Datasheet
144Kb / 8P
   Single (NO) Normally Open SPST Analog Switch
March, 2009 ??Rev. 0
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
FSA66 FAIRCHILD-FSA66 Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
logo
NTE Electronics
NTE861 NTE-NTE861 Datasheet
26Kb / 3P
   Integrated Circuit Quad, Normally Open, SPST JFET Analog Switch w/Disable
logo
Fairchild Semiconductor
FSA266 FAIRCHILD-FSA266 Datasheet
209Kb / 11P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com