Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4852ADG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC4852ADG
Description  Analog Multiplexers/ Demultiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4852ADG Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC4852ADG Datasheet HTML 1Page - ON Semiconductor MC74HC4852ADG Datasheet HTML 2Page - ON Semiconductor MC74HC4852ADG Datasheet HTML 3Page - ON Semiconductor MC74HC4852ADG Datasheet HTML 4Page - ON Semiconductor MC74HC4852ADG Datasheet HTML 5Page - ON Semiconductor MC74HC4852ADG Datasheet HTML 6Page - ON Semiconductor MC74HC4852ADG Datasheet HTML 7Page - ON Semiconductor MC74HC4852ADG Datasheet HTML 8Page - ON Semiconductor MC74HC4852ADG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2016
October, 2016 − Rev. 21
1
Publication Order Number:
MC74HC4851A/D
MC74HC4851A,
MC74HC4852A
Analog Multiplexers/
Demultiplexers with
Injection Current Effect
Control
Automotive Customized
These devices are pin compatible to standard HC405x and
MC1405xB analog mux/demux devices, but feature injection current
effect control. This makes them especially suited for usage in
automotive applications where voltages in excess of normal logic
voltage are common.
The injection current effect control allows signals at disabled analog
input channels to exceed the supply voltage range without affecting
the signal of the enabled analog channel. This eliminates the need for
external diode/resistor networks typically used to keep the analog
channel signals within the supply voltage range.
The devices utilize low power silicon gate CMOS technology.
The Channel Select and Enable inputs are compatible with standard
CMOS outputs.
Features
Injection Current Cross−Coupling Less than 1 mV/mA (See
Figure 10)
Pin Compatible to HC405X and MC1405XB Devices
Power Supply Range (VCC − GND) = 2.0 to 6.0 V
In Compliance With the Requirements of JEDEC Standard No. 7 A
Chip Complexity: 154 FETs or 36 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free and are RoHS Compliant
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
www.onsemi.com
MARKING DIAGRAMS
SOIC−16
TSSOP−16
1
16
HC485xAG
AWLYWW
HC48
5xA
ALYW
G
G
1
16
x
= 1 or 2
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
SOIC−16 WIDE
1
16
HC4851A
AWLYWWG
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
SOIC−16 WIDE
DW SUFFIX
CASE 751G
(Note: Microdot may be in either location)
QFN16
MN SUFFIX
CASE 485AW
1
4851
ALYW
G
G
QFN16*
*V4851 marking used for
NLV74HC4851AMN1TWG


Similar Part No. - MC74HC4852ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4852ADG ONSEMI-MC74HC4852ADG Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
More results

Similar Description - MC74HC4852ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com