Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3P25812AG-08SR Datasheet(PDF) 2 Page - ON Semiconductor

Part # P3P25812AG-08SR
Description  Spread Spectrum Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3P25812AG-08SR Datasheet(HTML) 2 Page - ON Semiconductor

  P3P25812AG-08SR Datasheet HTML 1Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 2Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 3Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 4Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 5Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 6Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 7Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 8Page - ON Semiconductor P3P25812AG-08SR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PCS3P25811, PCS3P25812, PCS3P25814
www.onsemi.com
2
Figure 1. Block Diagram
Crystal
Oscillator
Frequency
Divider
Feedback
Divider
Input Decoder
Phase
Detector
Loop
Filter
VCO
Output
Divider
PLL
XOUT
VDD
S1
XIN /CLKIN
ModOUT
VSS
& Modulation Control
S0
FSEL
Table 1. PIN DESCRIPTION
Pin #
Pin Name
Type
Description
1
XIN / CLKIN
Input
Crystal connection or External Clock input.
2
VSS
Power
Ground to entire chip.
3
S1
Input
Digital 3 level logic input (1−M−0) used to select Center, Down and No spread options.
(Refer to Frequency Deviation Selection Table). Default = M.
4
S0
Input
Digital 3 level logic input (1−M−0) used to select Center, Down and No spread options.
(Refer to Frequency Deviation Selection Table). Default = M.
5
ModOUT
Output
Spread Spectrum Clock Output.
6
FSEL
Input
Frequency range select. Digital 3 level logic input (1−M−0) used to select Input Clock
frequency range (Refer to Input/Output Frequency Range Selection Table). Default = M.
7
VDD
Power
Power supply for the entire chip (2.8 V to 3.6 V).
8
XOUT
Output
Crystal connection. If using an external reference, this pin must be left unconnected.
Table 2. OUTPUT FREQUENCY RANGE SELECTION
FSEL (pin 6)
Part Number
Modulation Rate
PCS3P25811 (1x)
PCS3P25812 (2x)
PCS3P25814 (4x)
Input (MHz)
Output (MHz)
Input (MHz)
Output (MHz)
Input (MHz)
Output (MHz)
0
4 − 8
4 − 8
4 − 8
8 − 16
4 − 8
16 − 32
Input Frequency / 128
1
8 − 16
8 − 16
8 − 16
16 − 32
8 − 16
32 − 64
Input Frequency / 256
M
16 − 32
16 − 32
16 − 32
32 − 64
16 − 32
64 − 128
Input Frequency / 512


Similar Part No. - P3P25812AG-08SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3P25812AG-08SR ONSEMI-P3P25812AG-08SR Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
P3P25812AG-08SR ONSEMI-P3P25812AG-08SR Datasheet
384Kb / 9P
   Spread Spectrum Clock Generator
NOVEMBER 2010 ??Rev. 1.1
More results

Similar Description - P3P25812AG-08SR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com