Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3P25812AG-08CR Datasheet(PDF) 1 Page - ON Semiconductor

Part # P3P25812AG-08CR
Description  Spread Spectrum Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P3P25812AG-08CR Datasheet(HTML) 1 Page - ON Semiconductor

  P3P25812AG-08CR Datasheet HTML 1Page - ON Semiconductor P3P25812AG-08CR Datasheet HTML 2Page - ON Semiconductor P3P25812AG-08CR Datasheet HTML 3Page - ON Semiconductor P3P25812AG-08CR Datasheet HTML 4Page - ON Semiconductor P3P25812AG-08CR Datasheet HTML 5Page - ON Semiconductor P3P25812AG-08CR Datasheet HTML 6Page - ON Semiconductor P3P25812AG-08CR Datasheet HTML 7Page - ON Semiconductor P3P25812AG-08CR Datasheet HTML 8Page - ON Semiconductor P3P25812AG-08CR Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2015
February, 2015 − Rev. 0
1
Publication Order Number:
PCS3P25811/D
PCS3P25811,
PCS3P25812,
PCS3P25814
Spread Spectrum Clock
Generator
Product Description
The PCS3P25811/12/14 devices are versatile spread spectrum
frequency modulators designed specifically for a wide range of input
clock frequencies from 4 MHz to 32 MHz.
The PCS3P25811/12/14 reduce electromagnetic interference (EMI)
at the clock source, allowing system wide reduction of EMI of down
stream clock and data dependent signals. It allows significant system
cost savings by reducing the number of circuit board layers, ferrite
beads, shielding, and other passive components that are traditionally
required to pass EMI regulations.
The PCS3P25811/12/14 can generate an EMI reduced clock from
crystal, ceramic resonator, or system clock.
The PCS3P25811/12/14 modulate the output of a single PLL in
order to “spread” the bandwidth of a synthesized clock, and more
importantly, decreases the peak amplitudes of its harmonics. This
results in significantly lower system EMI compared to the typical
narrow band signal produced by oscillators and most frequency
generators. Lowering EMI by increasing a signal’s bandwidth is called
‘spread spectrum clock generation’.
The PCS3P25811/12/14 use the most efficient and optimized
modulation profile approved by the FCC and is implemented in a
proprietary all−digital method.
The PCS3P25811/12/14 have 2 pins S0 and S1 to control the
selection of Center Spread, Down Spread and No−Spread functions.
Additionally there is a 3 level logic contol FSEL, for selecting one of
the three different frequency ranges within the operating frequency
range. Refer Input/Output Frequency Range Selection Table.
The PCS3P25811/12/14 operate from a 2.8 V to 3.6 V supply and
are available in 8 pin SOIC, and 8L 2 mm x 2 mm WDFN packages.
Applications
The PCS3P25811/12/14 are targeted towards EMI
management in applications such as LCD Panels, MFPs,
Digital copiers, Networking, PC peripheral devices,
consumer electronics, and embedded controller systems.
Features
Generates a 1x (PCS3P25811), 2x (PCS3P25812) and
4x(PCS3P25814) Low EMI Spread Spectrum Clock of
the Input Frequency
Provides up to 15 dB of EMI Suppression
Input Frequency: 4 MHz − 32 MHz
Output Frequency: PCS3P25811: 4 MHz − 32 MHz
PCS3P25812: 8 MHz − 64 MHz
PCS3P25814: 16 MHz − 128 MHz
Selectable Spread Options: Down Spread and Center
Spread
Low Power Dissipation: 3.3 V: 20 mW (typ) @ 6 MHz
3.3 V: 24 mW (typ) @ 12 MHz
3.3 V: 30 mW (typ) @ 24 MHz
Low Inherent Cycle−to−Cycle Jitter
Supply Voltage: 2.8 V to 3.6 V
LVCMOS Input and Output
Functional and Pinout Compatible to Cypress
CY25811, CY25812 and CY25814
8−pin SOIC, and 8L 2 mm x 2 mm WDFN (TDFN)
Packages
These Devices are Pb−Free, Halogen Free/BFR Free
and are RoHS Compliant
www.onsemi.com
PIN CONFIGURATION
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
XIN / CLKIN
VSS
1
2
3
4
5
6
7
8
S0
ModOUT
VDD
XOUT
S1
FSEL
PCS3P25811
PCS3P25812
PCS3P25814
1
8
SOIC−8 NB
CASE 751
WDFN8 2x2, 0.5P
CASE 511AQ
1


Similar Part No. - P3P25812AG-08CR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3P25812AG-08CR ONSEMI-P3P25812AG-08CR Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
P3P25812AG-08CR ONSEMI-P3P25812AG-08CR Datasheet
384Kb / 9P
   Spread Spectrum Clock Generator
NOVEMBER 2010 ??Rev. 1.1
More results

Similar Description - P3P25812AG-08CR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com