Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4053ADTG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC4053ADTG
Description  Analog Multiplexers/ Demultiplexers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4053ADTG Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC4053ADTG Datasheet HTML 1Page - ON Semiconductor MC74HC4053ADTG Datasheet HTML 2Page - ON Semiconductor MC74HC4053ADTG Datasheet HTML 3Page - ON Semiconductor MC74HC4053ADTG Datasheet HTML 4Page - ON Semiconductor MC74HC4053ADTG Datasheet HTML 5Page - ON Semiconductor MC74HC4053ADTG Datasheet HTML 6Page - ON Semiconductor MC74HC4053ADTG Datasheet HTML 7Page - ON Semiconductor MC74HC4053ADTG Datasheet HTML 8Page - ON Semiconductor MC74HC4053ADTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2016
March, 2016 − Rev. 8
1
Publication Order Number:
MC74HC4051A/D
MC74HC4051A,
MC74HC4052A,
MC74HC4053A
Analog Multiplexers/
Demultiplexers
High−Performance Silicon−Gate CMOS
The MC74HC4051A, MC74HC4052A and MC74HC4053A utilize
silicon−gate CMOS technology to achieve fast propagation delays,
low ON resistances, and low OFF leakage currents. These analog
multiplexers/demultiplexers control analog voltages that may vary
across the complete power supply range (from VCC to VEE).
The HC4051A, HC4052A and HC4053A are identical in pinout to
the metal−gate MC14051AB, MC14052AB and MC14053AB. The
Channel−Select inputs determine which one of the Analog
Inputs/Outputs is to be connected, by means of an analog switch, to the
Common Output/Input. When the Enable pin is HIGH, all analog
switches are turned off.
The Channel−Select and Enable inputs are compatible with standard
CMOS outputs; with pullup resistors they are compatible with LSTTL
outputs.
These devices have been designed so that the ON resistance (Ron) is
more linear over input voltage than Ron of metal−gate CMOS analog
switches.
For a multiplexer/demultiplexer with injection current protection,
see HC4851A and HC4852A.
Features
Fast Switching and Propagation Speeds
Low Crosstalk Between Switches
Diode Protection on All Inputs/Outputs
Analog Power Supply Range (VCC − VEE) = 2.0 to 12.0 V
Digital (Control) Power Supply Range (VCC − GND) = 2.0 to 6.0 V
Improved Linearity and Lower ON Resistance Than Metal−Gate
Counterparts
Low Noise
In Compliance with the Requirements of JEDEC Standard No. 7A
Chip Complexity: HC4051A − 184 FETs or 46 Equivalent Gates
HC4052A − 168 FETs or 42 Equivalent Gates
HC4053A − 156 FETs or 39 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR−Free and are RoHS
Compliant
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
www.onsemi.com
MARKING DIAGRAMS
SOIC−16
TSSOP−16
1
16
HC405xAG
AWLYWW
HC40
5xA
ALYW
G
G
1
16
SOIC−16 WIDE
1
16
HC405xA
AWLYWWG
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
x
= 1, 2 or 3
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or
G = Pb−Free Package
(Note: Microdot may be in either location)
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
SOIC−16 WIDE
DW SUFFIX
CASE 751G
4051
ALYW
G
G
QFN16
1
QFN16
MN SUFFIX
CASE 485AW


Similar Part No. - MC74HC4053ADTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4053ADTG ONSEMI-MC74HC4053ADTG Datasheet
202Kb / 18P
   Analog Multiplexers / Demultiplexers
January, 2006 ??Rev. 3
MC74HC4053ADTG ONSEMI-MC74HC4053ADTG Datasheet
181Kb / 17P
   Analog Multiplexers Demultiplexers
January, 2017 ??Rev. 9
More results

Similar Description - MC74HC4053ADTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com