Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC822 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # XC822
Description  8-Bit Single-Chip Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC822 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button XC822 Datasheet HTML 4Page - Infineon Technologies AG XC822 Datasheet HTML 5Page - Infineon Technologies AG XC822 Datasheet HTML 6Page - Infineon Technologies AG XC822 Datasheet HTML 7Page - Infineon Technologies AG XC822 Datasheet HTML 8Page - Infineon Technologies AG XC822 Datasheet HTML 9Page - Infineon Technologies AG XC822 Datasheet HTML 10Page - Infineon Technologies AG XC822 Datasheet HTML 11Page - Infineon Technologies AG XC822 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
XC822/824
Summary of Features
Data Sheet
2
V1.2, 2011-10
Features: (continued)
Power saving modes
– idle mode
– power-down mode with wake-up capability via real-time clock interrupt
– clock gating control to each peripheral
Programmable 16-bit Watchdog Timer (WDT) running on independent oscillator with
programmable window feature for refresh operation and warning prior to overflow
Three ports
– Up to 17 pins as digital I/O
– 4 pin as digital/analog input
4-channel, 10-bit ADC
– support up to 3 differential input channel
– results filtering by data reduction or digital low-pass filter, for up to 13-bit results
Up to 4 channels, Out of range comparator
Three 16-bit timers
– Timer 0 and Timer 1 (T0 and T1)
– Timer 2 (T2)
Periodic wake-up timer
Multiplication/Division Unit for arithmetic operations (MDU)
Capture and Compare unit for PWM signal generation (CCU6)
A full-duplex or half-duplex serial interface (UART)
Synchronous serial channel (SSC)
Inter-IC (IIC) serial interface
LED and Touch-sense Controller (LEDTSCU)
On-chip debug support via single pin DAP interface (SPD)
Packages:
– PG-DSO-20
– PG-TSSOP-16
Temperature range T
A:
– SAF (-40 to 85 °C)
– SAX (-40 to 105 °C)
– SAK (-40 to 125 °C)


Similar Part No. - XC822

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC822 INFINEON-XC822 Datasheet
1Mb / 52P
   8-Bit Single-Chip Microcontroller
V1.1 2010-10
More results

Similar Description - XC822

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com