Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-XC886-6FFA3V3 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAF-XC886-6FFA3V3
Description  8-Bit Single Chip Microcontroller
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-XC886-6FFA3V3 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAF-XC886-6FFA3V3 Datasheet HTML 7Page - Infineon Technologies AG SAF-XC886-6FFA3V3 Datasheet HTML 8Page - Infineon Technologies AG SAF-XC886-6FFA3V3 Datasheet HTML 9Page - Infineon Technologies AG SAF-XC886-6FFA3V3 Datasheet HTML 10Page - Infineon Technologies AG SAF-XC886-6FFA3V3 Datasheet HTML 11Page - Infineon Technologies AG SAF-XC886-6FFA3V3 Datasheet HTML 12Page - Infineon Technologies AG SAF-XC886-6FFA3V3 Datasheet HTML 13Page - Infineon Technologies AG SAF-XC886-6FFA3V3 Datasheet HTML 14Page - Infineon Technologies AG SAF-XC886-6FFA3V3 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 144 page
background image
XC886/888CLM
Summary of Features
Data Sheet
4
V1.2, 2009-07
Note: The asterisk (*) above denotes the device configuration letters from Table 1.
Corresponding ROM derivatives will be available on request.
Note: For variants with LIN BSL support, only LIN BSL is available regardless of the
availability of the CAN module.
As this document refers to all the derivatives, some description may not apply to a
specific product. For simplicity, all versions are referred to by the term XC886/888
throughout this document.
Ordering Information
The ordering code for Infineon Technologies microcontrollers provides an exact
reference to the required product. This ordering code identifies:
The derivative itself, i.e. its function set, the temperature range, and the supply
voltage
The package and the type of delivery
For the available ordering codes for the XC886/888, please refer to your responsible
sales representative or your local distributor.
Note: The ordering codes for the Mask-ROM versions are defined for each product after
verification of the respective ROM code.
SAK-XC886*/888*-8FFA 3V3 Flash
32
3.3
-40 to 125
Automotive
SAK-XC886*/888*-6FFA 3V3 Flash
24
3.3
-40 to 125
Automotive
SAF-XC886*/888*-8FFA 3V3 Flash
32
3.3
-40 to 85
Automotive
SAF-XC886*/888*-6FFA 3V3 Flash
24
3.3
-40 to 85
Automotive
SAF-XC886*/888*-8FFI 3V3 Flash
32
3.3
-40 to 85
Industrial
SAF-XC886*/888*-6FFI 3V3 Flash
24
3.3
-40 to 85
Industrial
Table 2
Device Profile (cont’d)
Sales Type
Device
Type
Program
Memory
(Kbytes)
Power
Supply
(V)
Temp-
erature
(
°C)
Quality
Profile


Similar Part No. - SAF-XC886-6FFA3V3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-XC886-6FFA INFINEON-SAF-XC886-6FFA Datasheet
1Mb / 119P
   8-Bit Single-Chip Microcontroller
V0.1, Feb. 2006
More results

Similar Description - SAF-XC886-6FFA3V3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com