Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAK-XC888-6FFA3V3 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SAK-XC888-6FFA3V3
Description  8-Bit Single Chip Microcontroller
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-XC888-6FFA3V3 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SAK-XC888-6FFA3V3 Datasheet HTML 6Page - Infineon Technologies AG SAK-XC888-6FFA3V3 Datasheet HTML 7Page - Infineon Technologies AG SAK-XC888-6FFA3V3 Datasheet HTML 8Page - Infineon Technologies AG SAK-XC888-6FFA3V3 Datasheet HTML 9Page - Infineon Technologies AG SAK-XC888-6FFA3V3 Datasheet HTML 10Page - Infineon Technologies AG SAK-XC888-6FFA3V3 Datasheet HTML 11Page - Infineon Technologies AG SAK-XC888-6FFA3V3 Datasheet HTML 12Page - Infineon Technologies AG SAK-XC888-6FFA3V3 Datasheet HTML 13Page - Infineon Technologies AG SAK-XC888-6FFA3V3 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 144 page
background image
XC886/888CLM
Summary of Features
Data Sheet
3
V1.2, 2009-07
XC886/888 Variant Devices
The XC886/888 product family features devices with different configurations, program
memory sizes, package options, power supply voltage, temperature and quality profiles
(Automotive or Industrial), to offer cost-effective solutions for different application
requirements.
The list of XC886/888 device configurations are summarized in Table 1. For each
configuration, 2 types of packages are available:
PG-TQFP-48, which is denoted by XC886 and;
PG-TQFP-64, which is denoted by XC888.
Note: For variants with LIN BSL support, only LIN BSL is available regardless of the
availability of the CAN module.
From these 10 different combinations of configuration and package type, each are
further made available in many sales types, which are grouped according to device type,
program memory sizes, power supply voltage, temperature and quality profile
(Automotive or Industrial), as shown in Table 2.
Table 1
Device Configuration
Device Name
CAN
Module
LIN BSL
Support
MDU
Module
XC886/888
No
No
No
XC886/888C
Yes
No
No
XC886/888CM
Yes
No
Yes
XC886/888LM
No
Yes
Yes
XC886/888CLM
Yes
Yes
Yes
Table 2
Device Profile
Sales Type
Device
Type
Program
Memory
(Kbytes)
Power
Supply
(V)
Temp-
erature
(
°C)
Quality
Profile
SAK-XC886*/888*-8FFA 5V
Flash
32
5.0
-40 to 125
Automotive
SAK-XC886*/888*-6FFA 5V
Flash
24
5.0
-40 to 125
Automotive
SAF-XC886*/888*-8FFA 5V
Flash
32
5.0
-40 to 85
Automotive
SAF-XC886*/888*-6FFA 5V
Flash
24
5.0
-40 to 85
Automotive
SAF-XC886*/888*-8FFI 5V
Flash
32
5.0
-40 to 85
Industrial
SAF-XC886*/888*-6FFI 5V
Flash
24
5.0
-40 to 85
Industrial


Similar Part No. - SAK-XC888-6FFA3V3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-XC888-6FFA INFINEON-SAK-XC888-6FFA Datasheet
1Mb / 119P
   8-Bit Single-Chip Microcontroller
V0.1, Feb. 2006
More results

Similar Description - SAK-XC888-6FFA3V3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com