Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5032C Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # SM5032C
Description  DECODER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5032C Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  SM5032C Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5032C Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5032C Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5032C Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5032C Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5032C Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5
ABSOLUTE MAXIMUM RATINGS
Parameter
Supply Voltage
Input Voltage
Output Voltage
Maximum Power
Consumption
Operating Temperature
Storage Temperature
Parameter
-0.3 ~ 6
Vss - 0.3 ~ VDD + 0.3
Vss - 0.3 ~ VDD + 0.3
500
-10 ~ 70
-40 ~ 125
Test Conditions
VDD-Vss=5V
Symbol
VDD-Vss
VI
Vo
Topr
Tstg
Pa
Unit
V
V
V
mW
DC ELECTRICAL CHARACTERISTICS
Supply Voltage
VDD
V
Parameter
Limits
Test Conditions
Symbol
Unit
2.2
3
6
Min.
Typ.
Max.
Input-high Level
Input Low Level
CP1 ~ CP8
Source Current
CP1 ~ CP8
Sink Current
VOH = +2.4V
VOL = +0.8V
VIH
IOH
IOL
VIL
V
V
mA
mA
1.5
0.7
2.1
1
3.5
1.5
1
1
Stand-by Current
VDD - Vss = 3 V
OSC stop
all output pins open
ISB
μA
1
OSC operation
non-loading
300
V.1.0 May 28,2002
SM5032C/D
DECODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Similar Part No. - SM5032C

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM503 DATATRONICS-SM503 Datasheet
83Kb / 1P
   SM503 SERIES SURFACE MOUNT COMMON MODE CHOKE
SM503-105 DATATRONICS-SM503-105 Datasheet
86Kb / 1P
   SURFACE MOUNT COMMON MODE CHOKE
SM503-105 DATATRONICS-SM503-105 Datasheet
83Kb / 1P
   SM503 SERIES SURFACE MOUNT COMMON MODE CHOKE
SM503-113 DATATRONICS-SM503-113 Datasheet
86Kb / 1P
   SURFACE MOUNT COMMON MODE CHOKE
SM503-113 DATATRONICS-SM503-113 Datasheet
83Kb / 1P
   SM503 SERIES SURFACE MOUNT COMMON MODE CHOKE
More results

Similar Description - SM5032C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT829A ETC-BT829A Datasheet
1Mb / 136P
   VideoStream DECODER
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
   SECAM decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
NXP Semiconductors
TDA3560 PHILIPS-TDA3560 Datasheet
421Kb / 10P
   PAL DECODER
January 1980
logo
Seiko Instruments Inc
S-70L41B SII-S-70L41B Datasheet
1Mb / 23P
   PAGING DECODER
logo
List of Unclassifed Man...
TL880 ETC-TL880 Datasheet
226Kb / 2P
   DTVPC Decoder
logo
Sony Corporation
CXD1856Q SONY-CXD1856Q Datasheet
407Kb / 31P
   MPEG1 Decoder
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
   BTSC decoder
logo
NXP Semiconductors
TDA4510 PHILIPS-TDA4510 Datasheet
69Kb / 9P
   PAL decoder
March 1986
TDA4570 PHILIPS-TDA4570 Datasheet
67Kb / 9P
   NTSC decoder
August 1986
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com