Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN72HVD3082E Datasheet(PDF) 5 Page - Texas Instruments

Part # SN72HVD3082E
Description  LOW-POWER RS-485 TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN72HVD3082E Datasheet(HTML) 5 Page - Texas Instruments

  SN72HVD3082E Datasheet HTML 1Page - Texas Instruments SN72HVD3082E Datasheet HTML 2Page - Texas Instruments SN72HVD3082E Datasheet HTML 3Page - Texas Instruments SN72HVD3082E Datasheet HTML 4Page - Texas Instruments SN72HVD3082E Datasheet HTML 5Page - Texas Instruments SN72HVD3082E Datasheet HTML 6Page - Texas Instruments SN72HVD3082E Datasheet HTML 7Page - Texas Instruments SN72HVD3082E Datasheet HTML 8Page - Texas Instruments SN72HVD3082E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN65HVD3082E,SN75HVD3082E
SN65HVD3085E,SN65HVD3088E
SLLS562D − MARCH 2003 − REVISED SEPTEMBER 2005
www.ti.com
5
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Positive-going input threshold voltage
IO = −8 mA
−85
−10
mV
VIT−
Negative-going input threshold voltage
IO = 8 mA
−200
−115
mV
Vhys
Hysteresis voltage (VIT+ − VIT−)
30
mV
VOH
High-level output voltage
VID = 200 mV, IOH = −8 mA, See Figure 8
4
4.6
V
VOL
Low-level output voltage
VID = −200 mV, IOH = 8 mA, See Figure 8
0.15
0.4
V
IOZ
High-impedance-state output current
VO = 0 to VCC, RE= VCC
−1
1
µA
VIH = 12 V, VCC = 5 V
0.04
0.1
II
Bus input current
VIH = 12 V, VCC = 0
0.06
0.125
mA
II
Bus input current
VIH = −7 V, VCC = 5 V
−0.1
−0.04
mA
VIH = −7 V, VCC = 0
−0.05
−0.03
IIH
High-level input current (RE)
VIH = 2 V
−60
−30
µA
IIL
Low-level input current (RE)
VIL = 0.8 V
−60
−30
µA
Cdiff
Differential input capacitance
VI = 0.4 sin (4E6πt) + 0.5 V, DE at 0 V
7
pF
(1) All typical values are at 25°C and with a 5-V supply.
RECEIVER SWITCHING CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
HVD3082E
HVD3085E
75
200
ns
tPLH
Propagation delay time, low-to-high-level output
HVD3088E
100
ns
tPHL
Propagation delay time, high-to-low-level output
RL = 54 Ω,
CL = 15 pF,
HVD3082E
HVD3085E
79
200
ns
tPHL
Propagation delay time, high-to-low-level output
CL = 15 pF,
See Figure 9
HVD3088E
100
ns
tsk(p)
Pulse skew ( |tPHL − tPLH| )
See Figure 9
HVD3082E
HVD3085E
4
30
ns
tsk(p)
Pulse skew ( |tPHL − tPLH| )
HVD3088E
10
ns
tr
Output signal rise time
VID = −1.5 V to 1.5 V,
1.5
3
ns
tf
Output signal fall time
VID = −1.5 V to 1.5 V,
CL = 15 pF, See Figure 9
1.8
3
ns
HVD3082E
5
50
tPZH
Output enable time to high level
HVD3082E
HVD3085E
5
50
ns
tPZH
Output enable time to high level
HVD3088E
30
ns
tPZL
Output enable time to low level
CL = 15 pF,
HVD3082E
HVD3085E
10
50
ns
tPZL
Output enable time to low level
CL = 15 pF,
DE at 3 V,
HVD3088E
30
ns
DE at 3 V,
See Figure 10
and Figure 11
HVD3082E
5
50
tPHZ
Output enable time from high level
See Figure 10
and Figure 11
HVD3082E
HVD3085E
5
50
ns
tPHZ
Output enable time from high level
HVD3088E
30
ns
tPLZ
Output enable time from low level
HVD3082E
HVD3085E
8
50
ns
tPLZ
Output enable time from low level
HVD3088E
30
ns
tPZH(SHDN) Propagation delay time, shutdown-to-high-level output
CL = 15 pF, DE at 0 V,
1600
3500
ns
tPZL(SHDN)
Propagation delay time, shutdown-to-low-level output
CL = 15 pF, DE at 0 V,
See Figure 12
1700
3500
ns


Similar Part No. - SN72HVD3082E

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SN7000 SIEMENS-SN7000 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor
logo
ML Accessories Limited....
SN7000 KNIGHTSBRIDGE-SN7000 Datasheet
176Kb / 1P
   13A 1G DP Switched Socket
25/03/2024
SN7000S KNIGHTSBRIDGE-SN7000S Datasheet
176Kb / 1P
   13A 1G SP Switched Socket
25/03/2024
SN7000U KNIGHTSBRIDGE-SN7000U Datasheet
134Kb / 1P
   13A 1G Unswitched Socket
25/03/2024
logo
Siemens Semiconductor G...
SN7002 SIEMENS-SN7002 Datasheet
134Kb / 8P
   SIPMOS Small-Signal Transistor
More results

Similar Description - SN72HVD3082E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_08 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com