Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6153A Datasheet(PDF) 10 Page - Keysight Technologies

Part # W6153A
Description  X-Series Measurement Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

W6153A Datasheet(HTML) 10 Page - Keysight Technologies

Back Button W6153A Datasheet HTML 6Page - Keysight Technologies W6153A Datasheet HTML 7Page - Keysight Technologies W6153A Datasheet HTML 8Page - Keysight Technologies W6153A Datasheet HTML 9Page - Keysight Technologies W6153A Datasheet HTML 10Page - Keysight Technologies W6153A Datasheet HTML 11Page - Keysight Technologies W6153A Datasheet HTML 12Page - Keysight Technologies W6153A Datasheet HTML 13Page - Keysight Technologies W6153A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10 | Keysight | N6153A & W6153A DVB-T/H with T2 X-Series Measurement Application - Technical Overview
Description
PXA
MXA
EXA
CXA
Phase jitter
Range
0 to 0.0349 rad
0 to 0.0349 rad
0 to 0.0349 rad
0 to 0.0349 rad
Resolution
0.0001 rad
0.0001 rad
0.0001 rad
0.0001 rad
Quad error
Range
–4 to 5 deg
–4 to 5 deg
–4 to 5 deg
–4 to 5 deg
Accuracy
± 0.090 deg
± 0.090 deg
± 0.090 deg
± 0.090 deg
Amplitude imbalance
Range
–5 to 5%
–5 to 5%
–5 to 5%
–5 to 5%
Accuracy
± 0.45%
± 0.45%
± 0.50%
± 0.50%
BER before Viterbi
Range
0 to 1.0 × 10−1
0 to 1.0 × 10−1
0 to 1.0 × 10−1
0 to 1.0 × 10−1
BER before Reed-Solomn
Range
0 to 1.0 × 10−3
0 to 1.0 × 10−3
0 to 1.0 × 10−3
0 to 1.0 × 10−3
BER after Reed-Solomn
Range
0 to 1.0 × 10−3
0 to 1.0 × 10−3
0 to 1.0 × 10−3
0 to 1.0 × 10−3
Channel impulse response
(also called echo pattern)
(a) Selectable center and time/div
(b) Scale type by Time or Distance
(c) Results sorted by Amplitude or Time/Distance
(d) Default echo search limit –35 dB and adjustable
(e) Adjustable FFT Start Position (0/8 to 8/8 GI), and MER metric displayed on the top of the
view can be used as the criteria to tune the FFT window
(f) Support pre-echo, post-echo, 0 dB echo and out-of-GI echo scenarios (time range
supports up to one OFDM symbol length Tu with Decoding On)
(h) Cell ID (hex/dec) display
DVB-T2 modulation accuracy DVB-T2 single PLP, 32K FFT, 256QAM, constellation rotation yes, ML1 = –20 dBm, 20 to 30 °C
EVM
Operating range
0 to 6%
0 to 6%
0 to 6%
0 to 6%
Floor
0.27% (EQ Off)
0.58% (EQ Off)
0.72% (EQ Off)
1.11% (EQ Off)
MER
Operating range
≥ 24 dB
≥ 24 dB
≥ 24 dB
≥ 24 dB
Floor
51 dB (EQ Off)
45 dB (EQ Off)
43 dB (EQ Off)
39.1 dB (EQ Off)
Frequency error2
Range
–380 kHz to 380 kHz
–380 kHz to 380 kHz
–380 kHz to 380 kHz
–380 kHz to 380 kHz
Accuracy
± 1 Hz + tfa3
± 1 Hz + tfa3
± 1 Hz + tfa3
± 1 Hz + tfa3
Clock error2
Range
–20 Hz to 20 Hz
–20 Hz to 20 Hz
–20 Hz to 20 Hz
–20 Hz to 20 Hz
Accuracy
± 1 Hz + tfa3
± 1 Hz + tfa3
± 1 Hz + tfa3
± 1 Hz + tfa3
Quad error
Range
–5 deg to 5 deg
–5 deg to 5 deg
–5 deg to 5 deg
–5 deg to 5 deg
Amplitude imbalance
Range
–1 to +1 dB
–1 to +1 dB
–1 to +1 dB
–1 to +1 dB
BER before LDPC
Range
0 to 1.0 x 10-1
0 to 1.0 x 10-1
0 to 1.0 x 10-1
0 to 1.0 x 10-1
BER before BCH
Range
0 to 1.0 × 10−3
0 to 1.0 × 10−3
0 to 1.0 × 10−3
0 to 1.0 × 10−3
BER after BCH
Range
0 to 1.0 × 10−3
0 to 1.0 × 10−3
0 to 1.0 × 10−3
0 to 1.0 × 10−3
Packet error rate
Range
0 to 1.0
0 to 1.0
0 to 1.0
0 to 1.0
1. ML (mixer level) is RF input power minus attenuation
2. The accuracy specification applies at the EVM = 1%
3. tfa = transmitter frequency × frequency reference accuracy


Similar Part No. - W6153A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W6152A KEYSIGHT-W6152A Datasheet
2Mb / 12P
   X-Series Measurement Application
W6155A KEYSIGHT-W6155A Datasheet
2Mb / 16P
   X-Series Measurement Application
W6156A KEYSIGHT-W6156A Datasheet
1Mb / 14P
   N6156A & W6156A
W6158A KEYSIGHT-W6158A Datasheet
2Mb / 13P
   X-Series Measurement Application
More results

Similar Description - W6153A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W9071A KEYSIGHT-W9071A Datasheet
3Mb / 14P
   X-Series Measurement Application
W9081A KEYSIGHT-W9081A Datasheet
2Mb / 12P
   X-Series Measurement Application
W9082B KEYSIGHT-W9082B Datasheet
1Mb / 19P
   X-Series Measurement Application
W6152A KEYSIGHT-W6152A Datasheet
2Mb / 12P
   X-Series Measurement Application
W9072A KEYSIGHT-W9072A Datasheet
1Mb / 14P
   X-Series Measurement Application
N6156A KEYSIGHT-N6156A Datasheet
1Mb / 14P
   X-Series Measurement Application
N9071A KEYSIGHT-N9071A Datasheet
3Mb / 14P
   X-Series Measurement Application
N9072A KEYSIGHT-N9072A Datasheet
1Mb / 14P
   X-Series Measurement Application
N9073A KEYSIGHT-N9073A Datasheet
1Mb / 18P
   X-Series Measurement Application
N6152A KEYSIGHT-N6152A Datasheet
2Mb / 12P
   X-Series Measurement Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com