Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9077A Datasheet(PDF) 4 Page - Keysight Technologies

Part # W9077A
Description  X-Series Measurement Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

W9077A Datasheet(HTML) 4 Page - Keysight Technologies

  W9077A Datasheet HTML 1Page - Keysight Technologies W9077A Datasheet HTML 2Page - Keysight Technologies W9077A Datasheet HTML 3Page - Keysight Technologies W9077A Datasheet HTML 4Page - Keysight Technologies W9077A Datasheet HTML 5Page - Keysight Technologies W9077A Datasheet HTML 6Page - Keysight Technologies W9077A Datasheet HTML 7Page - Keysight Technologies W9077A Datasheet HTML 8Page - Keysight Technologies W9077A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
04 | Keysight | N9077A & W9077A WLAN 802.11a/b/g/j/p/n/ac/af/ah X-Series Measurement Application - Technical Overview
Table 2. Required 802.11n WLAN transmitter measurements and the corresponding measurements in N/W9077A and 89600 VSA software
IEEE 802.11n
Transmitter test
N/W9077A Option 3FP
WLAN measurement application
89601B Option B7Z
802.11n MIMO modulation analysis
20.3.20.1
Transmit spectrum mask
Spectrum emission mask
Not available
20.3.20.2
Spectral flatness
Spectral flatness
OFDM equalized channel frequency resp.
20.3.20.3
Transmit power
Channel power
Can be performed using band power marker
20.3.20.4
Transmit center frequency tolerance
Frequency error1
Frequency error 1
20.3.20.6
Symbol clock frequency tolerance
Symbol (chip) clock error 1
Symbol clock error 1
20.3.20.7.2
Center frequency leakage
IQ origin offset1
IQ offset1
20.3.20.7.3
Constellation error (EVM rms)
RMS EVM
EVM (rms)
20.3.20.7.4
Modulation accuracy test2
Modulation analysis
Modulation analysis
Table 3. Required 802.11ac WLAN transmitter measurements and the corresponding measurements in N9077A and 89600 VSA software
IEEE 802.11ac
(D7.0)
Transmitter test
N9077A Option 4FP
WLAN measurement application
89601B Option BHJ
802.11ac and MIMO modulation analysis
22.3.18.1
Transmit spectrum mask
Spectrum emission mask
Not available
22.3.18.2
Spectral flatness
Spectral flatness
Channel freq resp.
22.3.18.3
Transmit center
frequency tolerance
Frequency error 1
Frequency error 1
22.3.18.3
Symbol clock
frequency tolerance
Symbol (chip) clock error 1
Symbol clock error 1
22.3.18.4.2
Transmit center
frequency leakage
IQ origin offset 1
IQ offset1
22.3.18.4.3
Transmit constellation
error (EVM rms)
RMS EVM
EVM (rms)
22.3.18.4.2
Modulation accuracy test 2
Modulation analysis
Modulation analysis
IEEE 802.11ah
(D3.0)
Transmitter test
N9077A Option 6FP
WLAN measurement application
24.3.16.1
Transmit spectrum mask
Spectrum emission mask
24.3.16.2
Spectral flatness
Spectral flatness
24.3.16.3
Transmit center frequency tolerance
Frequency error 1
24.3.16.4
Symbol clock frequency tolerance
Symbol clock error 1
24.3.16.4.2
Transmit center frequency leakage
IQ origin offset 1
24.3.16.4.3
Transmit constellation error (EVM rms)
RMS EVM
24.3.16.4.4
Modulation accuracy test 2
Modulation analysis
IEEE 802.11af
(2013)
Transmitter test
N9077A Option 7FP
WLAN measurement application
23.3.18.1
Transmit spectrum mask
Spectrum emission mask
23.3.18.2
Spectral flatness
Spectral flatness
23.3.18.3
Transmit center frequency tolerance
Frequency error
23.3.18.3
Transmit symbol clock tolerance
Symbol clock error
23.3.18.4.2
Transmit center frequency leakage
I/Q origin offset
23.3.18.4.3
Transmit constellation error (EVM rms)
RMS EVM
23.3.18.4.4
Modulation accuracy test
Modulation analysis
1.
For the N/W9077A application, these values are found in the “numeric results” trace under the modulation analysis view. For 89601B with Option B7R and
Option BHJ, these values are found under the “Syms/Errs” trace.
2.
The standard describes the procedure for making this measurement, but doesn’t specify test limits.


Similar Part No. - W9077A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W9071A KEYSIGHT-W9071A Datasheet
3Mb / 14P
   X-Series Measurement Application
W9072A KEYSIGHT-W9072A Datasheet
1Mb / 14P
   X-Series Measurement Application
W9073A KEYSIGHT-W9073A Datasheet
1Mb / 18P
   X-Series Measurement Application
W9075A KEYSIGHT-W9075A Datasheet
2Mb / 12P
   Measurement Application
W9076A KEYSIGHT-W9076A Datasheet
2Mb / 12P
   X-Series Measurement Application
More results

Similar Description - W9077A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W9071A KEYSIGHT-W9071A Datasheet
3Mb / 14P
   X-Series Measurement Application
W9081A KEYSIGHT-W9081A Datasheet
2Mb / 12P
   X-Series Measurement Application
W9082B KEYSIGHT-W9082B Datasheet
1Mb / 19P
   X-Series Measurement Application
W6153A KEYSIGHT-W6153A Datasheet
1Mb / 15P
   X-Series Measurement Application
W6152A KEYSIGHT-W6152A Datasheet
2Mb / 12P
   X-Series Measurement Application
W9072A KEYSIGHT-W9072A Datasheet
1Mb / 14P
   X-Series Measurement Application
N6156A KEYSIGHT-N6156A Datasheet
1Mb / 14P
   X-Series Measurement Application
N9071A KEYSIGHT-N9071A Datasheet
3Mb / 14P
   X-Series Measurement Application
N9072A KEYSIGHT-N9072A Datasheet
1Mb / 14P
   X-Series Measurement Application
N9073A KEYSIGHT-N9073A Datasheet
1Mb / 18P
   X-Series Measurement Application
N6152A KEYSIGHT-N6152A Datasheet
2Mb / 12P
   X-Series Measurement Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com