Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1217AS-H-3R3N Datasheet(PDF) 1 Page - TOKO, Inc

Part # 1217AS-H-3R3N
Description  Ferrite Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1217AS-H-3R3N Datasheet(HTML) 1 Page - TOKO, Inc

  1217AS-H-3R3N Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DEM8045C
Inductance Range: 1.5~47
H
(Unit: mm)
(Unit: mm)
* : DEM8045C ; 4.5mm Max.
FEATURES
特点
 8.3 8.3mm Max. square, 4.5mm Max. height.
 Magnetically shielded construction and low DC resistance.
 Suitable for large currents.
 8.3  8.3mm角Max. 高さ4.5mm Max.
 閉磁路構造、低直流抵抗
 大電流対応
STANDARD PART NUMBERS
標準品一覧
TYPE DEM8045C (Quantity/reel; 1000 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
1217AS-H-1R5N=P3
1.5
±30
7.6 (6.5)
11.2 (15.0)
9.4 (11.0)
1217AS-H-2R2N=P3
2.2
±30
9.9 (8.3)
9.3 (12.4)
8.7 (10.0)
1217AS-H-3R3N=P3
3.3
±30
14.4 (12)
7.7 (10.3)
6.8 (8.0)
1217AS-H-4R7N=P3
4.7
±30
18.0 (15)
6.7 (9.0)
6.3 (7.4)
1217AS-H-5R6N=P3
5.6
±30
22.8 (19)
6.1 (8.1)
5.4 (6.4)
1217AS-H-6R8N=P3
6.8
±30
27.6 (23)
5.2 (7.0)
4.8 (5.6)
1217AS-H-8R2M=P3
8.2
±20
33.6 (28)
4.8 (6.4)
4.5 (5.3)
1217AS-H-100M=P3
10
±20
39.6 (33)
4.3 (5.7)
3.9 (4.6)
1217AS-H-150M=P3
15
±20
52.8 (44)
3.3 (4.4)
3.5 (4.1)
1217AS-H-180M=P3
18
±20
76.8 (64)
3.2 (4.3)
2.9 (3.4)
1217AS-H-220M=P3
22
±20
93.6 (78)
2.9 (3.9)
2.4 (2.8)
1217AS-H-330M=P3
33
±20
132.0 (110)
2.3 (3.1)
2.2 (2.6)
1217AS-H-470M=P3
47
±20
204.0 (170)
2.1 (2.8)
1.8 (2.1)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より30%減少する直流電流値、または直流電流により、
コイルの温度が40°C上昇の何れか小さい値。(周囲温度20°Cを
基準とする。)
L
L
Ferrite Inductors
フェライトインダクタ
Recommended patterns
推奨パターン図


Similar Part No. - 1217AS-H-3R3N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1217AS-H-3R3N TOKO-1217AS-H-3R3N Datasheet
67Kb / 1P
   Fixed Inductors for Surface Mounting
1217AS-H-3R3N TOKO-1217AS-H-3R3N Datasheet
124Kb / 2P
   8.3 x 8.3mm Max. square, 3.0, 4.0, and 4.5mm Max. height.
logo
Murata Manufacturing Co...
1217AS-H-3R3N MURATA-1217AS-H-3R3N Datasheet
740Kb / 2P
   Inductor
More results

Similar Description - 1217AS-H-3R3N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM2815C TOKO-DEM2815C_16 Datasheet
256Kb / 1P
   Ferrite Inductors
DEM2812C TOKO-DEM2812C_16 Datasheet
252Kb / 1P
   Ferrite Inductors
DEM8030C TOKO-DEM8030C_16 Datasheet
280Kb / 1P
   Ferrite Inductors
DEM4514C TOKO-DEM4514C_16 Datasheet
285Kb / 1P
   Ferrite Inductors
DG6050C TOKO-DG6050C_16 Datasheet
253Kb / 1P
   Ferrite Inductors
DS104C2 TOKO-DS104C2_16 Datasheet
254Kb / 1P
   Ferrite Inductors
DG6045C TOKO-DG6045C_16 Datasheet
261Kb / 1P
   Ferrite Inductors
DEM3518C TOKO-DEM3518C_16 Datasheet
250Kb / 1P
   Ferrite Inductors
D62LCB TOKO-D62LCB_16 Datasheet
229Kb / 2P
   Ferrite Inductors
D53LC TOKO-D53LC_16 Datasheet
268Kb / 1P
   Ferrite Inductors
DEM8040C TOKO-DEM8040C_16 Datasheet
317Kb / 1P
   Ferrite Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com