Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1248AS-H-100M Datasheet(PDF) 1 Page - TOKO, Inc

Part # 1248AS-H-100M
Description  Ferrite Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1248AS-H-100M Datasheet(HTML) 1 Page - TOKO, Inc

  1248AS-H-100M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DEM8040C
Inductance Range: 1.5~33
H
(Unit: mm)
DEM8040C
(Unit: mm)
* : DEM8040C ; 4.0mm Max.
FEATURES
特点
 8.3 8.3mm Max. square, 4.0mm Max. height.
 Magnetically shielded construction and low DC resistance.
 Suitable for large currents.
 8.3  8.3mm角Max. 高さ4.0 mm Max.
 閉磁路構造、低直流抵抗
 大電流対応
STANDARD PART NUMBERS
標準品一覧
TYPE DEM8040C (Quantity/reel; 1000 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
1248AS-H-1R5N=P3
1.5
±30
10.1 (8.4)
10.0 (14.0)
8.0 (9.4)
1248AS-H-2R2N=P3
2.2
±30
13.2 (11)
8.6 (12.0)
7.0 (8.3)
1248AS-H-3R3N=P3
3.3
±30
19.2 (16)
7.2 (9.4)
5.6 (6.6)
1248AS-H-4R7N=P3
4.7
±30
22.8 (19)
6.2 (8.4)
5.3 (6.2)
1248AS-H-6R8N=P3
6.8
±30
36.0 (30)
4.8 (6.6)
4.2 (4.9)
1248AS-H-100M=P3
10
±20
52.8 (44)
4.1 (5.4)
3.4 (4.0)
1248AS-H-150M=P3
15
±20
78.0 (65)
3.4 (4.6)
2.7 (3.2)
1248AS-H-220M=P3
22
±20
126.0 (105)
2.8 (3.7)
2.2 (2.6)
1248AS-H-330M=P3
33
±20
168.0 (140)
2.4 (3.1)
1.8 (2.2)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より30%減少する直流電流値、または直流電流により、
コイルの温度が40°C上昇の何れか小さい値。(周囲温度20°Cを
基準とする。)
L
L
Ferrite Inductors
フェライトインダクタ
Recommended patterns
推奨パターン図


Similar Part No. - 1248AS-H-100M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1248AS-H-100M TOKO-1248AS-H-100M Datasheet
124Kb / 2P
   8.3 x 8.3mm Max. square, 3.0, 4.0, and 4.5mm Max. height.
logo
Murata Manufacturing Co...
1248AS-H-100M MURATA-1248AS-H-100M Datasheet
740Kb / 2P
   Inductor
More results

Similar Description - 1248AS-H-100M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM2815C TOKO-DEM2815C_16 Datasheet
256Kb / 1P
   Ferrite Inductors
DEM2812C TOKO-DEM2812C_16 Datasheet
252Kb / 1P
   Ferrite Inductors
DEM8030C TOKO-DEM8030C_16 Datasheet
280Kb / 1P
   Ferrite Inductors
DEM4514C TOKO-DEM4514C_16 Datasheet
285Kb / 1P
   Ferrite Inductors
DG6050C TOKO-DG6050C_16 Datasheet
253Kb / 1P
   Ferrite Inductors
DS104C2 TOKO-DS104C2_16 Datasheet
254Kb / 1P
   Ferrite Inductors
DG6045C TOKO-DG6045C_16 Datasheet
261Kb / 1P
   Ferrite Inductors
DEM3518C TOKO-DEM3518C_16 Datasheet
250Kb / 1P
   Ferrite Inductors
D62LCB TOKO-D62LCB_16 Datasheet
229Kb / 2P
   Ferrite Inductors
D53LC TOKO-D53LC_16 Datasheet
268Kb / 1P
   Ferrite Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com