Electronic Components Datasheet Search |
|
V24A48T300B3 Datasheet(PDF) 5 Page - Vicor Corporation |
|
V24A48T300B3 Datasheet(HTML) 5 Page - Vicor Corporation |
5 / 15 page 24V Maxi Family Rev 6.6 vicorpower.com Page 5 of 15 01/2016 800 927.9474 24V Input Parameter Min Typ Max Unit Notes Efficiency S24A6V5C400BL (enhanced efficiency) 85.0 86.1 % Nominal input; full load; 25°C V24A6V5C400BL (standard efficiency) 85.0 86.1 Ripple and noise 220 275 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 7.7 7.98 8.26 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 9.2 10.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 61.5 Amps Current limit 62.7 70.7 83.1 Amps Output voltage 95% of nominal Short circuit current 43 70.7 83.1 Amps Output voltage <250mV 6.5VOUT, 400W (e.g. S24A6V5C400BL, V24A6V5C400BL) Parameter Min Typ Max Unit Notes Efficiency S24A8C300BL (enhanced efficiency) 85.6 86.5 % Nominal input; full load; 25°C V24A8C300BL (standard efficiency) 85.6 86.5 Ripple and noise 215 269 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 9.36 9.7 10.1 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 8.7 13.9 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 37.5 Amps Current limit 38.2 43.1 50.7 Amps Output voltage 95% of nominal Short circuit current 26.2 43.1 50.7 Amps Output voltage <250mV 8VOUT, 300W (e.g. S24A8C300BL, V24A8C300BL) MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.) Parameter Min Typ Max Unit Notes Efficiency S24A12C400BL (enhanced efficiency) 86.0 89.5 % Nominal input; full load; 25°C V24A12C400BL (standard efficiency) 87.0 88.3 Ripple and noise 250 320 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 13.7 14.3 14.9 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 6.8 10.2 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 33.33 Amps Current limit 34 38.4 43.5 Amps Output voltage 95% of nominal Short circuit current 23.3 38.4 43.5 Amps Output voltage <250mV 12VOUT, 400W (e.g. S24A12C400BL, V24A12C400BL) Parameter Min Typ Max Unit Notes Efficiency S24A12C500B (enhanced efficiency) 86.7 88.2 % Nominal input; full load; 25°C V24A12C500BL (standard efficiency) 86.0 87.5 Ripple and noise 272 340 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 13.8 14.3 14.8 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 10.8 12.0 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 41.67 Amps Current limit 42.5 47.9 56.3 Amps Output voltage 95% of nominal Short circuit current 29.2 47.9 56.3 Amps Output voltage <250mV 12VOUT, 500W (e.g. S24A12C500B, V24A12C500BL) |
Similar Part No. - V24A48T300B3 |
|
Similar Description - V24A48T300B3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |