Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC0924NDI Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSC0924NDI
Description  Dual N-Channel OptiMOS??MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC0924NDI Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSC0924NDI Datasheet HTML 2Page - Infineon Technologies AG BSC0924NDI Datasheet HTML 3Page - Infineon Technologies AG BSC0924NDI Datasheet HTML 4Page - Infineon Technologies AG BSC0924NDI Datasheet HTML 5Page - Infineon Technologies AG BSC0924NDI Datasheet HTML 6Page - Infineon Technologies AG BSC0924NDI Datasheet HTML 7Page - Infineon Technologies AG BSC0924NDI Datasheet HTML 8Page - Infineon Technologies AG BSC0924NDI Datasheet HTML 9Page - Infineon Technologies AG BSC0924NDI Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BSC0924NDI
5 Safe operating area (Q1)
6 Safe operating area (Q2)
I D=f(V DS); T C=25 °C; D =0
I D=f(V DS); T C=25 °C; D =0
parameter: t p
parameter: t p
7 Max. transient thermal impedance (Q1)
8 Max. transient thermal impedance (Q2)
Z thJC=f(t p)
Z thJC=f(t p)
parameter: D =t p/T
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10-1
100
101
102
10-1
100
101
102
103
V
DS [V]
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10-5
10-4
10-3
10-2
10-1
100
10-2
10-1
100
101
t
p [s]
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10-5
10-4
10-3
10-2
10-1
100
10-1
100
101
t
p [s]
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10-1
100
101
102
10-1
100
101
102
103
V
DS [V]
Rev.2.0
page 6
2013-07-30


Similar Part No. - BSC0924NDI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC0921NDI INFINEON-BSC0921NDI Datasheet
33Kb / 1P
   Material Content Data Sheet
14. August 2015
BSC0921NDI INFINEON-BSC0921NDI Datasheet
759Kb / 14P
   Dual N-Channel OptiMOS??MOSFET
Rev.2.0 2013-07-30
BSC0921NDI INFINEON-BSC0921NDI_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
14. August 2015
BSC0923NDI INFINEON-BSC0923NDI Datasheet
33Kb / 1P
   Material Content Data Sheet
14. August 2015
BSC0923NDI INFINEON-BSC0923NDI Datasheet
756Kb / 14P
   Dual N-Channel OptiMOS??MOSFET
Rev.2.0 2013-07-30
More results

Similar Description - BSC0924NDI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC0911ND INFINEON-BSC0911ND Datasheet
743Kb / 14P
   Dual N-Channel OptiMOS??MOSFET
Rev.2.0 2013-07-30
BSZ0909ND INFINEON-BSZ0909ND Datasheet
1Mb / 11P
   Dual N-channel OptiMOS??MOSFET
Rev.2.0,2016-12-05
BSC0910NDI INFINEON-BSC0910NDI Datasheet
690Kb / 14P
   Dual N-Channel OptiMOS??MOSFET
Rev.2.0 2013-11-27
BSC0923NDI INFINEON-BSC0923NDI Datasheet
756Kb / 14P
   Dual N-Channel OptiMOS??MOSFET
Rev.2.0 2013-07-30
BSC0921NDI INFINEON-BSC0921NDI Datasheet
759Kb / 14P
   Dual N-Channel OptiMOS??MOSFET
Rev.2.0 2013-07-30
BSG0813NDI INFINEON-BSG0813NDI_16 Datasheet
376Kb / 14P
   Dual asymmetric N-channel OptiMOS?? MOSFET
Rev.2.1 2016-03-08
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com