Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT1818B00BT1516S Datasheet(PDF) 2 Page - YAGEO Corporation

Part # ANT1818B00BT1516S
Description  Ceramic Patch Antenna
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANT1818B00BT1516S Datasheet(HTML) 2 Page - YAGEO Corporation

  ANT1818B00BT1516S Datasheet HTML 1Page - YAGEO Corporation ANT1818B00BT1516S Datasheet HTML 2Page - YAGEO Corporation ANT1818B00BT1516S Datasheet HTML 3Page - YAGEO Corporation ANT1818B00BT1516S Datasheet HTML 4Page - YAGEO Corporation ANT1818B00BT1516S Datasheet HTML 5Page - YAGEO Corporation ANT1818B00BT1516S Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.yageo.com
Apr. 28, 2015 V.0
WIRELESS COMPONENTS
2
6
Product specification
Ceramic Patch Antenna
ORDERING INFORMATION
All part numbers are identified by the series, packing type, material, size,
antenna type, working frequency and packing quantity.
PART NUMBER
ANT 1818 B 00B T 1516S
(1)
(2)
(3) (4)
(5)
(6)
(1) PRODUCT
ANT = Antenna
(2) SIZE
1818 = 18 ×18 mm
(3) ANTENNA TYPE
B = Bulk Antenna
(4) SERIAL NO.
00B
(5) PACKING STYLE
T = Tray
(6) WORKING FREQUENCY
1516 = 1.575/1.602 GHz
PHYCOMP CTC
CAN43934240B1561B
12NC
43934240B156
FEATURES
Support GPS & GLONASS
system
High radiation efficiency
Reflow process compatible
RoHS compliant
APPLICATIONS
Navigation device
Telematics box
Fleet management


Similar Part No. - ANT1818B00BT1516S

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT1818B00BT1575S YAGEO-ANT1818B00BT1575S Datasheet
532Kb / 6P
   WIRELESS COMPONENTS
More results

Similar Description - ANT1818B00BT1516S

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT2525B00FT1575S YAGEO-ANT2525B00FT1575S Datasheet
557Kb / 6P
   Ceramic Patch Antenna
ANT1818B00DT1516S YAGEO-ANT1818B00DT1516S Datasheet
524Kb / 6P
   Ceramic Patch Antenna
ANT2525B00FTGNSSS YAGEO-ANT2525B00FTGNSSS Datasheet
618Kb / 6P
   Ceramic Patch Antenna
logo
Vanlong Technology Co.,...
PA1580S25XA VANLONG-PA1580S25XA Datasheet
47Kb / 1P
   Ceramic Patch Antenna
logo
YAGEO Corporation
ANT1818B00AT1575S YAGEO-ANT1818B00AT1575S Datasheet
530Kb / 5P
   Ceramic Patch Antenna
ANT2525B00ET1575S YAGEO-ANT2525B00ET1575S Datasheet
544Kb / 6P
   Ceramic Patch Antenna
ANT2525B00BT1516S YAGEO-ANT2525B00BT1516S Datasheet
529Kb / 6P
   Ceramic Patch Antenna
ANT1515B00FT1575S YAGEO-ANT1515B00FT1575S Datasheet
504Kb / 6P
   Ceramic Patch Antenna
ANT2525B00BT1575S YAGEO-ANT2525B00BT1575S Datasheet
631Kb / 6P
   Ceramic Patch Antenna
ANT2525B00DT1516S YAGEO-ANT2525B00DT1516S Datasheet
556Kb / 6P
   Ceramic Patch Antenna
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com