Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT1818JB30B1575A Datasheet(PDF) 3 Page - YAGEO Corporation

Part # ANT1818JB30B1575A
Description  Active Antenna
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANT1818JB30B1575A Datasheet(HTML) 3 Page - YAGEO Corporation

  ANT1818JB30B1575A Datasheet HTML 1Page - YAGEO Corporation ANT1818JB30B1575A Datasheet HTML 2Page - YAGEO Corporation ANT1818JB30B1575A Datasheet HTML 3Page - YAGEO Corporation ANT1818JB30B1575A Datasheet HTML 4Page - YAGEO Corporation ANT1818JB30B1575A Datasheet HTML 5Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.yageo.com
Feb. 19, 2013 V.0
WIRELESS COMPONENTS
3
3
Product specification
Active Antenna
SPECIFICATION
DESCRIPTION
VALUE
Dimension
18×18×4 mm3
Centre Frequency
1575 ± 2MHz
Bandwidth
28.4 MHz (Typ.)
Gain
-2.67 dBic (Typ.)
VSWR
2.0 Max..
Polarization
Right Hand Circular Polarization
Impedance
50
Ω
Axis Ratio
≦ 4.5 dB
Beam Width
> 120 Degrees
Ceramic Patch antenna
DESCRIPTION
VALUE
Central Frequency
1575 ± 1.023MHz
Gain
25 dB (Typ.)
Output VSWR
2.0 Max.
Noise Figure
2.0 dB(Typ.)
SAW Filter (Out of Band Attenuation)
40dB min 0.15 ~ 960MHz
20dB min 1475~1535MHz
32dB min 1627~1710MHz
32dB min 1750~1800MHz
28dB min 1850~1990MHz
Supply Voltage
3.0 ± 0.3V
Current Consumption
10 mA (Typ.)
Output Impedance
50
Ω
Operating Temperature
-30 ~ +85
Humidity
< 95%
Storage Temperature
-40 ~ +125
NOTE
1. Based on 18×18 mm2 ground plane (with customer's housing)
2. Centre frequency will be offset to working frequency while changes of customer's housing and ground plane.
3. Please contact local sales if you need customized design to gain optimum antenna performance.
LNA


Similar Part No. - ANT1818JB30B1575A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT1818B00AT1575S YAGEO-ANT1818B00AT1575S Datasheet
530Kb / 5P
   Ceramic Patch Antenna
ANT1818B00BT1516S YAGEO-ANT1818B00BT1516S Datasheet
640Kb / 6P
   Ceramic Patch Antenna
ANT1818B00BT1575S YAGEO-ANT1818B00BT1575S Datasheet
532Kb / 6P
   WIRELESS COMPONENTS
ANT1818B00CT1575S YAGEO-ANT1818B00CT1575S Datasheet
583Kb / 6P
   High radiation efficiency
ANT1818B00DT1516S YAGEO-ANT1818B00DT1516S Datasheet
524Kb / 6P
   Ceramic Patch Antenna
More results

Similar Description - ANT1818JB30B1575A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT1212JB27B1575A YAGEO-ANT1212JB27B1575A Datasheet
379Kb / 5P
   Active Antenna
ANT2525JB08B1575A YAGEO-ANT2525JB08B1575A Datasheet
428Kb / 5P
   Active Antenna
ANT1606JB12B1575A YAGEO-ANT1606JB12B1575A Datasheet
370Kb / 5P
   Active Antenna
logo
Maxtena Inc.
M4HCT-A-EMB MAXTENA-M4HCT-A-EMB Datasheet
1Mb / 4P
   Embedded Active antenna
REV A
logo
Pulse A Technitrol Comp...
GPSGMSMA PULSE-GPSGMSMA Datasheet
2Mb / 3P
   Active GPS Antenna
logo
Infineon Technologies A...
TLF4277 INFINEON-TLF4277 Datasheet
183Kb / 2P
   active antenna supply
Rev. 1.0, May 2009
logo
Suzhou Maswell Communic...
AN_GPS_A001_MMCX MASWELL-AN_GPS_A001_MMCX Datasheet
492Kb / 3P
   GPS Active Antenna
logo
Pulse A Technitrol Comp...
W4000 PULSE-W4000 Datasheet
1Mb / 3P
   Active GPS Antenna
logo
Raltron Electronics Cor...
RPA-GP-A-47-SMA-5000-Y RALTRON-RPA-GP-A-47-SMA-5000-Y Datasheet
331Kb / 3P
   ACTIVE GPS ANTENNA
logo
Maxtena Inc.
M7HCT-A-EMB MAXTENA-M7HCT-A-EMB Datasheet
2Mb / 6P
   Embedded Active antenna
REV A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com