Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUP70N03-09BP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUP70N03-09BP
Description  N-Channel 30-V (D-S), 175C, MOSFET PWM Optimized
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP70N03-09BP Datasheet(HTML) 1 Page - Vishay Siliconix

  SUP70N03-09BP Datasheet HTML 1Page - Vishay Siliconix SUP70N03-09BP Datasheet HTML 2Page - Vishay Siliconix SUP70N03-09BP Datasheet HTML 3Page - Vishay Siliconix SUP70N03-09BP Datasheet HTML 4Page - Vishay Siliconix SUP70N03-09BP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SUP/SUB70N03-09BP
Vishay Siliconix
New Product
Document Number: 71229
S-20102—Rev. B, 11-Mar-02
www.vishay.com
1
N-Channel 30-V (D-S), 175
_C, MOSFET PWM Optimized
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (W)
ID (A)
0.009 @ VGS = 10 V
70a
30
0.013 @ VGS = 4.5 V
60
D
G
S
N-Channel MOSFET
TO-220AB
Top View
GD S
SUP70N03-09BP
SUB70N03-09BP
TO-263
S
G
Top View
DRAIN connected to TAB
D
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
"20
V
_
TC = 25_C
70b
Continuous Drain Current (TJ = 175_C)
TC = 100_C
ID
50
Pulsed Drain Current
IDM
200
A
Avalanche Current
IAR
30
Repetitive Avalanche Energya
L = 0.1 mH
EAR
61
mJ
Power Dissipation
TC = 25_C
PD
93b
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
PCB Mount (TO-263)c
40
Junction-to-Ambient
Free Air (TO-220AB)
RthJA
62.5
_C/W
Junction-to-Case
RthJC
1.6
Notes:
a.
Duty cycle
v 1%.
b.
See SOA curve for voltage derating.
c.
When mounted on 1” square PCB (FR-4 material).


Similar Part No. - SUP70N03-09BP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUP70N03-09BP-E3 VBSEMI-SUP70N03-09BP-E3 Datasheet
963Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SUP70N03-09BP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUY50N03-10CP VISHAY-SUY50N03-10CP Datasheet
53Kb / 5P
   N-Channel 30-V (D-S), 175C, MOSFET PWM Optimized
Rev. A, 21-Jan-02
SUU50N03-10P VISHAY-SUU50N03-10P Datasheet
67Kb / 4P
   N-Channel 30-V 175C MOSFET PWM Optimized
Rev. A, 14-Aug-00
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM85N03-06P VISHAY-SUM85N03-06P Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 08-Dec-03
SUP75N03-04 VISHAY-SUP75N03-04 Datasheet
41Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. E, 18-Jun-01
SUP75N03-07 VISHAY-SUP75N03-07 Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. D, 27-Mar-00
SUP45N03-13L VISHAY-SUP45N03-13L Datasheet
42Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. F, 29-Oct-01
SUM40N03-30L VISHAY-SUM40N03-30L Datasheet
62Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 24-Jan-05
SUD70N03-04P VISHAY-SUD70N03-04P Datasheet
59Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 03-May-04
SUM85N03-07P VISHAY-SUM85N03-07P Datasheet
47Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 19-May-03
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com