Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS664164 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS664164
Description  4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS664164 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS664164 Datasheet HTML 5Page - Texas Instruments TMS664164 Datasheet HTML 6Page - Texas Instruments TMS664164 Datasheet HTML 7Page - Texas Instruments TMS664164 Datasheet HTML 8Page - Texas Instruments TMS664164 Datasheet HTML 9Page - Texas Instruments TMS664164 Datasheet HTML 10Page - Texas Instruments TMS664164 Datasheet HTML 11Page - Texas Instruments TMS664164 Datasheet HTML 12Page - Texas Instruments TMS664164 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
TMS664414, TMS664814, TMS664164
4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK
SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
SMOS695A – APRIL 1998 – REVISED JULY 1998
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
burst sequence
All data for the ’664xx4 is written or read in a
burst fashion, that is, a single starting address is entered into the
device and then the ’664xx4 internally accesses a sequence of locations based on that starting address. Some
of the subsequent accesses after the first one can be at preceding, as well as succeeding, column addresses
depending on the starting address entered. This sequence can be programmed to follow either a serial burst
or an interleave burst (see Table 4 through Table 6). The length of the burst sequence can be user-programmed
to be 1, 2, 4, or 8. After a read burst is completed (as determined by the programmed burst length), the outputs
are in the high-impedance state until the next read access is initiated.
Table 4. 2-Bit Burst Sequences
INTERNAL COLUMN ADDRESS A0
DECIMAL
BINARY
START
2ND
START
2ND
Serial
0
1
0
1
Serial
1
0
1
0
Interleave
0
1
0
1
Interleave
1
0
1
0
Table 5. 4-Bit Burst Sequences
INTERNAL COLUMN ADDRESS A1 – A0
DECIMAL
BINARY
START
2ND
3RD
4TH
START
2ND
3RD
4TH
0
1
2
3
00
01
10
11
Serial
1
2
3
0
01
10
11
00
Serial
2
3
0
1
10
11
00
01
3
0
1
2
11
00
01
10
0
1
2
3
00
01
10
11
Interleave
1
0
3
2
01
00
11
10
Interleave
2
3
0
1
10
11
00
01
3
2
1
0
11
10
01
00


Similar Part No. - TMS664164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS664164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS626812B TI-TMS626812B Datasheet
611Kb / 40P
[Old version datasheet]   1,048,576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ626162 TI-SMJ626162 Datasheet
629Kb / 42P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TM124GU8A TI1-TM124GU8A Datasheet
91Kb / 9P
[Old version datasheet]   1 048 576-WORD BY 8-BIT DYNAMIC RANDOM-ACCESS MEMORY MODULE
TMS626812 TI-TMS626812 Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com