Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0504.681NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PF0504.681NL
Description  SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0504.681NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PF0504.681NL Datasheet HTML 1Page - Pulse A Technitrol Company PF0504.681NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
24
SPM2007 (11/07)
SMT POWER INDUCTORS
Unshielded Drum Core - PF0504NL Series
Notes from Tables
1. Inductance at Irated is a typical inductance value measured when
the inductor is subjected to the rated current.
2. The rated current listed is the lower of the saturation current @
25°C or the heating current.
3. The saturation current, Isat, is the current at which the
component inductance drops by 20% (maximum) at an ambient
temperature of 25°C. This current is determined by placing the
component in the specified ambient environment and applying a
short duration pulse current (to eliminate self-heating effects) to
the component.
4. The heating current, IDC, is the DC current required to raise the
component temperature by approximately 40°C. The heating
current is determined by mounting the component on a typical
PCB and applying current for 30 minutes.
5. Optional Tape & Reel packaging can be ordered by adding a "T"
suffix to the part number (i.e. PF0504.681NL becomes
PF0504.681NLT). Pulse complies to industry standard tape and
reel specification EIA481.
6. The temperature of the component (ambient plus temperature
rise) must be within the stated operating temperature range.
Inductance vs Current Characteristics
0%
20%
40%
60%
80%
100%
120%
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Normalized Isat


Similar Part No. - PF0504.681NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
   Unshielded Drum Core
More results

Similar Description - PF0504.681NL

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com