Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB698SMA3 Datasheet(PDF) 9 Page - Pulse A Technitrol Company

Part # SB698SMA3
Description  Stealth Blade LTE Antenna
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SB698SMA3 Datasheet(HTML) 9 Page - Pulse A Technitrol Company

Back Button SB698SMA3 Datasheet HTML 5Page - Pulse A Technitrol Company SB698SMA3 Datasheet HTML 6Page - Pulse A Technitrol Company SB698SMA3 Datasheet HTML 7Page - Pulse A Technitrol Company SB698SMA3 Datasheet HTML 8Page - Pulse A Technitrol Company SB698SMA3 Datasheet HTML 9Page - Pulse A Technitrol Company SB698SMA3 Datasheet HTML 10Page - Pulse A Technitrol Company SB698SMA3 Datasheet HTML 11Page - Pulse A Technitrol Company SB698SMA3 Datasheet HTML 12Page - Pulse A Technitrol Company SB698SMA3 Datasheet HTML 13Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Issue: 1623
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: Stealth Blade LTE Antenna
PART NUMBER: SB698SMAXX
Series: Stealth Blade
CHARTS
9
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
XY plane @ Lower Band
700
840
960
Phi Angle (°)
-7.31
360
-0.61
-0.42
360
-4.48
-3.58
360
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
700
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
840
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
960
-7.01


Similar Part No. - SB698SMA3

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SB698SMA3 PULSE-SB698SMA3 Datasheet
967Kb / 14P
   Stealth Blade LTE Antenna
More results

Similar Description - SB698SMA3

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1991 PULSE-W1991 Datasheet
991Kb / 13P
   LTE Stealth Blade Antenna
SB698SMA3 PULSE-SB698SMA3 Datasheet
967Kb / 14P
   Stealth Blade LTE Antenna
logo
World Produts Inc.
WPANT30156 WPI-WPANT30156 Datasheet
91Kb / 2P
   4G / LTE Cellular Blade Stubby Antenna
logo
TE Connectivity Ltd
C-2118903 TEC-C-2118903 Datasheet
154Kb / 1P
   ANTENNA, LTE
logo
Pulse A Technitrol Comp...
W3796 PULSE-W3796_17 Datasheet
2Mb / 19P
   LTE SMD ANTENNA
logo
Raltron Electronics Cor...
RPC-900-W5-GSM-MMCXRA RALTRON-RPC-900-W5-GSM-MMCXRA Datasheet
223Kb / 2P
   Multiband Blade ANTENNA
logo
Abracon Corporation
AEACAC198013-S698 ABRACON-AEACAC198013-S698 Datasheet
1Mb / 4P
   4G/LTE External Antenna
04.10.2020
logo
Maxtena Inc.
MEA-2700-LTE MAXTENA-MEA-2700-LTE Datasheet
650Kb / 3P
   LOW PROFILE LTE ANTENNA
REV A
logo
Pulse A Technitrol Comp...
CLA-W3796P PULSE-CLA-W3796P Datasheet
1Mb / 15P
   LTE SNAP-ON ANTENNA
logo
PCTEL, Inc.
BMLPVMB-LTE PCTEL-BMLPVMB-LTE Datasheet
145Kb / 1P
   BMLPVMB/LTE Low-Profile 4G LTE Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com