Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0581.104NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PF0581.104NL
Description  SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0581.104NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PF0581.104NL Datasheet HTML 1Page - Pulse A Technitrol Company PF0581.104NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
15
SPM2007 (11/07)
XXXNL
DATE CODE
.367
9,32
MAX
Ø .406 TYP
10,32
.174
4,42
MAX
.005/0,13
.079 TYP
2,00
(2)
(1)
SUGGESTED PAD LAYOUT
.071 TYP
1,80
.375
9,52
TYP
.415 TYP
10,54
Height: 4.42mm Max
Footprint: 10.32mm Typ x 9.32mm Max
Current Rating: up to 2.5A
Inductance Range: 10µH to 560µH
260°C reflow peak temperature qualified
Part 5
Inductance
Irated 2
DCR
Inductance
Saturation
3
Heating
4
Number
@Irated 1
(A)
( m
Ω MAX)
@0Adc
Current
Current Idc
(
μH TYP)
(
μH ±10%)
Isat (A)
( A)
PF0581.103NL
9.5
2.50
43
10
2.50
3.25
PF0581.123NL
11
2.30
48
12
2.30
3.15
PF0581.153NL
14
2.00
60
15
2.00
2.70
PF0581.183NL
17
1.90
66
18
1.90
2.50
PF0581.223NL
21
1.70
84
22
1.70
2.25
PF0581.273NL
26
1.50
96
27
1.50
2.05
PF0581.333NL
31
1.30
115
33
1.30
1.90
PF0581.393NL
37
1.20
151
39
1.20
1.73
PF0581.473NL
45
1.10
166
47
1.10
1.65
PF0581.563NL
53
1.00
199
56
1.00
1.52
PF0581.683NL
65
0.93
233
68
0.93
1.37
PF0581.823NL
78
0.85
262
82
0.85
1.29
PF0581.104NL
95
0.76
333
100
0.76
1.16
PF0581.124NL
110
0.70
376
120
0.70
1.10
PF0581.154NL
140
0.63
500
150
0.63
0.97
PF0581.184NL
170
0.56
620
180
0.56
0.84
PF0581.224NL
210
0.53
721
220
0.53
0.79
PF0581.274NL
260
0.46
949
270
0.46
0.68
PF0581.334NL
310
0.42
1100
330
0.42
0.63
PF0581.394NL
370
0.39
1245
390
0.39
0.60
PF0581.474NL
450
0.35
1526
470
0.35
0.53
PF0581.564NL
530
0.32
1870
560
0.32
0.51
SMT POWER INDUCTORS
Unshielded Drum Core - PF0581NL Series
Mechanical
Schematic
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +125°C 6
1
2
Weight . . . . . . . . . . .1.2 grams
Tape & Reel . . . . . . . .900/reel
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .004
0,10
.201
5,10
.409
10,40
Ø
.472
12,00
TAPE & REEL LAYOUT
USER DIRECTION OF
.945 ± .012
24,00 ± 0,30


Similar Part No. - PF0581.104NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0581 PULSE-PF0581 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
More results

Similar Description - PF0581.104NL

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com