Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFP70N06 Datasheet(PDF) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HFP70N06
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HFP70N06 Datasheet(HTML) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HFP70N06 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP70N06 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP70N06 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP70N06 Datasheet HTML 4Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP70N06 Datasheet HTML 5Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP70N06 Datasheet HTML 6Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
Electrical Characteristics(Ta=25unless otherwise specified)
Symbol
Items
Min.
Typ.
Max.
Unit
Conditions
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
60
V
ID=250μA ,VGS=0V
IDSS
Zero Gate Voltage Drain Current
1
μA
VDS =60V, VGS=0V
IGSS
Gate – Body Leakage
±100
nA
VGS= ±20V , VDS =0V
On Characteristics
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS , ID=250μA
RDS(on)
Static Drain-Source On-Resistance
13
mΩ VGS=10V, ID=40A (Note 2)
Dynamic Characteristics and Switching Characteristics
Ciss
Input Capacitance
4560
pF
Coss
Output Capacitance
430
pF
Crss
Reverse Transfer Capacitance
135
pF
VDS = 25V, VGS = 0V,
f = 1.0 MHz
td(on)
Turn - On Delay Time
37
nS
tr
Rise Time
20
nS
td(off)
Turn - Off Delay Time
140
nS
tf
Fall Time
30
nS
VDS = 30V, VGS = 10 V,
RL =15Ω,RG= 10
(Note 2)
Qg
Total Gate Charge
85
nC
Qgs
Gate–Source Charge
28
nC
Qgd
Gate–Drain Charge
25
nC
VDS=48V, ID=60A,
VGS = 10V (Note 2)
Rg
Gate Resistance
2.4
f=1MHz
Drain-Source Diode Characteristics and Maximun Ratings
IS
Continuous Source–Drain Diode
Forward Current
70
A
ISM
Pulsed
Drain-Source
Diode
Forward Current
200
A
VSD
Source–Drain
Diode
Forward
On–Voltage
1.3
V
IS=40A,VGS=0(Note 2)
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. Pulse Test: Pulse width≤300μS, Duty Cycle≤2%
HFP70N06


Similar Part No. - HFP70N06

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HFP70N06 THINKISEMI-HFP70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
More results

Similar Description - HFP70N06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com