Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0553.471NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PF0553.471NL
Description  SMT POWER INDUCTORS Shielded Drum Core
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0553.471NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PF0553.471NL Datasheet HTML 1Page - Pulse A Technitrol Company PF0553.471NL Datasheet HTML 2Page - Pulse A Technitrol Company PF0553.471NL Datasheet HTML 3Page - Pulse A Technitrol Company PF0553.471NL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
40
SPM2007 (4/08)
Single, coupled or (1:1) transformer applications
Footprint: PF0552NL - 12.5mm x 12.5mm x 6mm Max
PF0553NL - 12.5mm x 12.5mm x 8mm Max
Current Rating: up to 17.72A
Inductance Range: 0.47µH to 4mH
260°C reflow peak temperature qualified
200Vac isolation between windings
SMT POWER INDUCTORS
Shielded Drum Core
PF0552NL and PF0553NL Series
Inductance *
Inductance
Saturation 6
Heating 7
Core Loss 8
Part 2,3
@ 0ADC
@ Irated
Irated 5
DCR
Current ISAT
Current IDC
Factor
Connection **
Number
(µH ±20%)
(µH TYP)
(A)
(m
Ω MAX)
-30% (A)
+40°C(A)
(K2)
Mode
PF0552.471NL
0.49
0.49
14.2
1.6
33
14.2
100
Parallel
PF0552.102NL
0.91
0.91
12.9
2.4
24
12.9
140
Parallel
PF0552.152NL
1.5
1.5
12.4
2.9
18.4
12.4
180
Parallel
PF0552.471NL
2.0
2.0
7.1
6.4
16.4
7.1
210
Series
PF0552.222NL
2.2
2.2
11.1
3.9
15
11.1
210
Parallel
PF0552.332NL
3.1
3.1
10.1
5.8
12.8
10.1
250
Parallel
PF0552.102NL
3.6
3.6
6.5
9.6
11.8
6.5
270
Series
PF0552.472NL
5.3
4.7
8.5
9.2
9.8
8.5
330
Parallel
PF0552.152NL
5.9
5.9
6.2
12
9.2
6.2
350
Series
PF0552.682NL
6.6
6.6
7.3
12
8.8
7.3
370
Parallel
PF0552.822NL
8.1
8.1
6.5
18
7.8
6.5
410
Parallel
PF0552.222NL
8.8
8.8
5.6
16
7.5
5.6
430
Series
PF0552.103NL
9.7
9.7
6.0
19
7.2
6.0
450
Parallel
PF0552.332NL
12
12
5.0
23
6.4
5.0
490
Series
PF0552.153NL
15
15
5.5
24
5.8
5.5
550
Parallel
PF0552.472NL
21
19
4.3
37
4.9
4.3
660
Series
PF0552.223NL
22
22
4.6
35
4.8
4.6
670
Parallel
PF0552.682NL
27
27
3.7
48
4.4
3.7
760
Series
PF0552.822NL
32
32
3.3
66
3.9
3.3
810
Series
PF0552.333NL
34
33
3.7
54
3.9
3.7
840
Parallel
PF0552.103NL
39
39
3.0
73
3.6
3.0
900
Series
PF0552.473NL
47
47
3.2
69
3.2
3.3
980
Parallel
PF0552.153NL
61
60
2.8
97
2.9
2.8
1100
Series
PF0552.683NL
68
68
2.7
100
2.7
2.8
1200
Parallel
PF0552.823NL
84
82
2.4
130
2.4
2.4
1300
Parallel
PF0552.223NL
89
88
2.3
140
2.4
2.3
1400
Series
PF0552.104NL
100
100
2.2
160
2.2
2.3
1400
Parallel
PF0552.333NL
135
130
1.9
220
2.0
1.9
1700
Series
PF0552.154NL
150
150
1.8
230
1.8
1.8
1800
Parallel
PF0552.473NL
190
190
1.7
270
1.6
1.7
2000
Series
PF0552.224NL
220
220
1.4
350
1.5
1.4
2100
Parallel
PF0552.683NL
270
270
1.4
400
1.4
1.4
2400
Series
PF0552.823NL
330
330
1.2
530
1.2
1.2
2600
Series
PF0552.334NL
340
330
1.2
470
1.2
1.2
2700
Parallel
PF0552.104NL
410
400
1.1
640
1.1
1.1
2900
Series
PF0552.474NL
470
470
1.0
690
1.0
1.0
3100
Parallel
PF0552.154NL
600
600
0.88
930
0.91
0.88
3500
Series
PF0552.684NL
680
680
0.81
1000
0.86
0.81
3700
Parallel
PF0552.824NL
830
830
0.69
1400
0.78
0.69
4100
Parallel
PF0552.224NL
870
870
0.71
1400
0.76
0.71
4200
Series
PF0552.105NL
1000
1000
0.65
1600
0.70
0.65
4500
Parallel
PF0552.334NL
1300
1300
0.61
1900
0.62
0.61
5100
Series
PF0552.474NL
1900
1900
0.51
2700
0.51
0.51
6300
Series
PF0552.684NL
2700
2700
0.4
4100
0.43
0.4
7400
Series
PF0552.824NL
3300
3300
0.34
5500
0.39
0.34
8200
Series
PF0552.105NL
4000
4000
0.32
6400
0.35
0.32
9100
Series
NOTES FROM TABLE: (See page 43)
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +125°C 6


Similar Part No. - PF0553.471NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0553.471NL PULSE-PF0553.471NL Datasheet
320Kb / 4P
   Shielded Drum Core
More results

Similar Description - PF0553.471NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SPM2006 PULSE-SPM2006_22 Datasheet
129Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1167 Series
SPM2007 PULSE-SPM2007_24 Datasheet
234Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - PF0560NL Series
P1167.183NLT PULSE-P1167.183NLT Datasheet
245Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1167NL Series
SPM2007 PULSE-SPM2007_27 Datasheet
227Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1172NL/P1173NL Series
P1169.105NLT PULSE-P1169.105NLT Datasheet
190Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1168NL/P1169NL Series
logo
Tyco Electronics
DS1137 MACOM-DS1137 Datasheet
54Kb / 3P
   Shielded Drum Core Inductors
logo
Pulse A Technitrol Comp...
PG0063 PULSE-PG0063 Datasheet
78Kb / 2P
   SMT POWER INDUCTORS UNSHIELDED DRUM CORE
logo
Eaton All Rights Reserv...
LDS0705 EATON-LDS0705 Datasheet
945Kb / 4P
   Shielded metalized drum core power inductors
logo
Pulse A Technitrol Comp...
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
logo
Eaton All Rights Reserv...
SD7030 EATON-SD7030 Datasheet
614Kb / 4P
   Low profile shielded drum core power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com