Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS6644148A Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS6644148A
Description  4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS6644148A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS6644148A Datasheet HTML 2Page - Texas Instruments TMS6644148A Datasheet HTML 3Page - Texas Instruments TMS6644148A Datasheet HTML 4Page - Texas Instruments TMS6644148A Datasheet HTML 5Page - Texas Instruments TMS6644148A Datasheet HTML 6Page - Texas Instruments TMS6644148A Datasheet HTML 7Page - Texas Instruments TMS6644148A Datasheet HTML 8Page - Texas Instruments TMS6644148A Datasheet HTML 9Page - Texas Instruments TMS6644148A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
TMS664414, TMS664814, TMS664164
4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK
SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
SMOS695A – APRIL 1998 – REVISED JULY 1998
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
operation (continued)
Table 1. Basic Command Truth Table†‡
COMMAND
STATE OF
BANK(S)
CS
RAS
CAS
W
A13
A12
A11
A10
A9 – A0
MNEMONIC
Mode register set
All Banks =
deac
L
L
L
L
X
X
X
X
A9 = V, A8 = 0,
A7 = 0, A6 – A0 = V
MRS
Bank deactivate (precharge)
X
L
L
H
L
BS
BS
X
L
X
DEAC
Deactivate all banks
X
L
L
H
L
X
X
X
H
X
DCAB
Bank activate/row-address
entry
SB = deac
L
L
H
H
BS
BS
V
V
V
ACTV
Column address entry / write
A0 – A7 = V,
A8 – A9 = X, for x16
Column-address entry / write
operation
SB = actv
L
H
L
L
BS
BS
X
L
A0 – A8 = V,
A9 = X, for x8
A0 – A9 = V, for x4
WRT
Column address entry / write
A0 – A7 = V,
A8 – A9 = X, for x16
Column-address entry / write
operation with auto-deactivate
SB = actv
L
H
L
L
BS
BS
X
H
A0 – A8 = V,
A9 = X, for x8
A0 – A9 = V, for x4
WRT-P
Column address entry/read
A0 – A7 = V,
A8 – A9 = X, for x16
Column-address entry/read
operation
SB = actv
L
H
L
H
BS
BS
X
L
A0 – A8 = V,
A9 = X, for x8
A0 – A9 = V, for x4
READ
Column address entry/read
A0 – A7 = V,
A8 – A9 = X, for x16
Column-address entry/read
operation with auto-deactivate
SB = actv
L
H
L
H
BS
BS
X
H
A0 – A8 = V,
A9 = X, for x8
A0 – A9 = V, for x4
READ-P
No operation
X
L
H
H
H
X
X
X
X
X
NOOP
Control-input inhibit / no
operation
X
H
X
X
X
X
X
X
X
X
DESL
Auto refresh§
All banks=
deac
L
L
L
H
X
X
X
X
X
REFR
† For execution of these commands on cycle n, CKE must satisfy requirements for one of the following:
— CKE (n – 1) must be high
—tCESP from power-down exit (PDE)
—tIS and nCLE from clock-suspend (HOLD) exit
—tCESP and tRC from self-refresh (SLFR) exit.
‡ DQMx (n) is a don’t care
§ Auto-refresh or self-refresh entry requires that all banks be deactivated or be in an idle state prior to the command entry. An REFR command
turns on four rows (one from each bank; therefore, 4096 REFR commands fully refresh the memory).
Legend:
n
=
CLK cycle number
actv
=
Activated
L
=
Logic low
deac
=
Deactivated
H =
Logic high
BS
=
Logic:
(A12 = 0, A13 = 0) select bank 0
(A12 = 1, A13 = 0) select bank 1
(A12 = 0, A13 = 1) select bank 2
(A12 = 1, A13 = 1) select bank 3
X =
Don’t care (either logic high or logic low)
SB
=
Select bank by A12 – A13 at cycle n
V =
Valid


Similar Part No. - TMS6644148A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS6644148A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS626812B TI-TMS626812B Datasheet
611Kb / 40P
[Old version datasheet]   1,048,576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ626162 TI-SMJ626162 Datasheet
629Kb / 42P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TM124GU8A TI1-TM124GU8A Datasheet
91Kb / 9P
[Old version datasheet]   1 048 576-WORD BY 8-BIT DYNAMIC RANDOM-ACCESS MEMORY MODULE
TMS626812 TI-TMS626812 Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com