Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAB0401001 Datasheet(PDF) 1 Page - Power System Technology

Part # FAB0401001
Description  Naval defence
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0401001 Datasheet(HTML) 1 Page - Power System Technology

  FAB0401001 Datasheet HTML 1Page - Power System Technology FAB0401001 Datasheet HTML 2Page - Power System Technology FAB0401001 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
6U x 14TE x 160 mm
VME 64X compatible
INPUT : 18-32Vdc
OUTPUT : 350W nom. 500W peak
6 outputs
Hold up time >20ms
Efficiency : 83% typ.
APPLICATIONS
Naval defence.
INPUT
Voltage range :
18-32Vdc
24Vdc nom.
Current :
17A
Input protection :
fuse 30A
reverse polarity
transient and surges protected
OUTPUT
Voltage :
V1
28V / 14,3A (trimmable +/- 10 % by potentiometer)
V2
+ 5V/15A
V3
3,3V / 15A
V4
+12V / 1,2A
V5
-12V / 1,2A
V6
- 5V / 1A
With a limit of 350W
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,02 %
0,06 %
0,5 %
115 % of I out max.
for V1, V4, V5, V6
23A for V2, V3
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
0,2 %
0,5 %
1 %
Short circuit current
115 % of I out max.
for V1, V4, V5, V6
23A for V2, V3
Vout < 250mV ; Automatic restart
OUTPUT
Conditions
Max.
FAB0401001
1/3


Similar Part No. - FAB0401001

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0401002 PST-FAB0401002 Datasheet
232Kb / 3P
   Vehicule, industrial and high temperature application. Very low profile
More results

Similar Description - FAB0401001

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0403012 PST-FAB0403012 Datasheet
211Kb / 3P
   Naval
FAB0301007 PST-FAB0301007 Datasheet
209Kb / 3P
   Naval cabinet
FAB0410018 PST-FAB0410018 Datasheet
231Kb / 4P
   Defence
FAB0509012 PST-FAB0509012 Datasheet
203Kb / 3P
   Naval, industrial
PST04 PST-PST04 Datasheet
232Kb / 4P
   Industrial, naval applications
PST19 PST-PST19 Datasheet
657Kb / 4P
   Naval and industrial applications
FAB0203013 PST-FAB0203013 Datasheet
208Kb / 3P
   Defence : Missile launcher simulator
FAB0410013 PST-FAB0410013 Datasheet
259Kb / 3P
   Defence application, vehicle embedded. IP54 protected
FAB0907019 PST-FAB0907019 Datasheet
362Kb / 4P
   Defence, Industrial and hard environment applications
PST08 PST-PST08 Datasheet
232Kb / 4P
   Designed for industrial and defense, naval applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com