Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN2524 Datasheet(PDF) 4 Page - Supertex, Inc

Part # TN2524
Description  N-Channel Enhancement-Mode Vertical DMOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2524 Datasheet(HTML) 4 Page - Supertex, Inc

  TN2524_13 Datasheet HTML 1Page - Supertex, Inc TN2524_13 Datasheet HTML 2Page - Supertex, Inc TN2524_13 Datasheet HTML 3Page - Supertex, Inc TN2524_13 Datasheet HTML 4Page - Supertex, Inc TN2524_13 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Supertex inc.
www.supertex.com
Doc.# DSFP-TN2524
C080913
TN2524
Typical Performance Curves (cont.)
Output Characteristics
10
8.0
6.0
4.0
2.0
0
V
DS (volts)
Saturation Characteristics
Maximum Rated Safe Operating Area
0
10
100
1000
10
1.0
0.1
0.01
V
DS (volts)
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0
0.001
0.01
0.1
1.0
10
t
P (seconds)
Transconductance vs. Drain Current
1.0
0.8
0.6
0.4
0.2
0
0
1.0
2.0
3.0
4.0
I
D (amperes)
Power Dissipation vs. Ambient Temperature
0
25
50
75
100
125
150
2.0
1.0
0
T
A (
O
C)
TO-243AA
T
C = 25
O
C
P
D = 0.55W
T
A = -55
O
C
0
10
20
30
40
50
0
2
4
6
8
10
4V
TO-243AA (pulsed)
TO-243AA (DC)
2V
3V
V
DS (volts)
V
GS = 10V
V
DS = 25V
T
A = 25
O
C
TO-243AA
T
A = 25
O
C
T
A = 125
O
C
6V
8V
3V
4V
V
GS = 10V
6V
8V
2V
10
8.0
6.0
4.0
2.0
0


Similar Part No. - TN2524_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2524N8 SUTEX-TN2524N8 Datasheet
477Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2524N8-G SUTEX-TN2524N8-G Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
TN2524N8-G MICROCHIP-TN2524N8-G Datasheet
771Kb / 14P
   N-Channel Enhancement-Mode Vertical DMOS FET
02/28/20
logo
Supertex, Inc
TN2524ND SUTEX-TN2524ND Datasheet
477Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2524ND SUTEX-TN2524ND Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TN2524_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com