Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAB0410013 Datasheet(PDF) 2 Page - Power System Technology

Part # FAB0410013
Description  Defence application, vehicle embedded. IP54 protected
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0410013 Datasheet(HTML) 2 Page - Power System Technology

  FAB0410013 Datasheet HTML 1Page - Power System Technology FAB0410013 Datasheet HTML 2Page - Power System Technology FAB0410013 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Safety :
built to meet EN60950
EMI :
built to meet EN 55022B, conducted, EN61000-3-2, MIL STD 810 which apply
to tracked vehicles.
ENVIRONMENTAL
Storage temperature :
-40°C to +105°C
Operating temperature :
-20°C to +55°C
ISOLATION
Input to chassis :
1500 Vrms or 2121 Vdc
Input to Output :
3000 Vrms or 4242 Vdc
Output to Chassis :
500 Vrms
GENERAL
SIGNALS
Output OK :
green led
AC OK :
green led in switch ON/OFF
2/3
FAB0410013
Rev. 00


Similar Part No. - FAB0410013

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0410018 PST-FAB0410018 Datasheet
231Kb / 4P
   Defence
More results

Similar Description - FAB0410013

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0410018 PST-FAB0410018 Datasheet
231Kb / 4P
   Defence
logo
DFI Inc
VC300-CS DFI-VC300-CS Datasheet
1Mb / 4P
   AI-Enabled In-Vehicle Embedded System
logo
Power System Technology
FAB0401001 PST-FAB0401001 Datasheet
230Kb / 3P
   Naval defence
logo
Advantech Co., Ltd.
DVS-350Z ADVANTECH-DVS-350Z Datasheet
184Kb / 2P
   Rugged Vehicle/Embedded Platform with 2.5 HDD
logo
AAEON Technology
AEV-6312 AAEON-AEV-6312 Datasheet
292Kb / 2P
   In-Vehicle Embedded Controller With Intel Atom D510 Processor
logo
Power System Technology
FAB0202006 PST-FAB0202006 Datasheet
190Kb / 2P
   Embedded military application MILSTD704E, MILSTD810
logo
Advantech Co., Ltd.
TREK-ANT-502-GH5E ADVANTECH-TREK-ANT-502-GH5E Datasheet
1Mb / 2P
   Application Ready Platform (ARP) for In-vehicle Applications
RAM-MOUNT-09E ADVANTECH-RAM-MOUNT-09E Datasheet
1Mb / 2P
   Application Ready Platform (ARP) for In-vehicle Applications
TREK-CAM-262-1N2E ADVANTECH-TREK-CAM-262-1N2E Datasheet
1Mb / 2P
   Application Ready Platform (ARP) for In-vehicle Applications
6-Jan-2016
DVS-355Z ADVANTECH-DVS-355Z Datasheet
235Kb / 2P
   Rugged Vehicle/Embedded Platform with Intel Core Duo Mobile Processor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com