Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM146-32.768-12.5-20 Datasheet(PDF) 6 Page - Shoulder Electronics Limited.

Part # ZM146-32.768-12.5-20
Description  RESONATORS are designated " SSP-T7-F"(32.768kHz ).
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

ZM146-32.768-12.5-20 Datasheet(HTML) 6 Page - Shoulder Electronics Limited.

Back Button ZM146-32.768-12.5-20 Datasheet HTML 2Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 3Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 4Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 5Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 6Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 7Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 8Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 9Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 10Page - Shoulder Electronics Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
4/11
[5] Precautions
(1) Recommended mounting conditions
Reflow profile
As per reflow profile shown in page 10.
Manual soldering
350℃ max. for 4 sec. max.
(2) Cleaning
The crystal resonator may be destroyed by ultrasonic cleaning.
We don't guarantee the quality of the product with that cleaning method because
such conditions as type of the washing machine, power, time,position in the bath,
etc. can not be specified.
Please confirm ultrasonic cleaning is not giving any damage to the product
before use when that cleaning method must be used.
[6] Outgoing inspection standard
The outgoing inspection shall be conducted as per the following standard .
The sampling shall be performed according to the ANSI/ASQCZ1.4-1996 .
No
Sampling level
AQL(%)
1
Frequency tolerance
1.0
2
Equivalent series resistance
1.0
3
Outer appearance
1.5
4
Others characteristics
Periodical quality inspection
Item


Similar Part No. - ZM146-32.768-12.5-20

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ZM14.SIDE PULS-ZM14.SIDE Datasheet
214Kb / 2P
   Side Mounting Bracket
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com