Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM146-32.768-12.5-20 Datasheet(PDF) 10 Page - Shoulder Electronics Limited.

Part # ZM146-32.768-12.5-20
Description  RESONATORS are designated " SSP-T7-F"(32.768kHz ).
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

ZM146-32.768-12.5-20 Datasheet(HTML) 10 Page - Shoulder Electronics Limited.

Back Button ZM146-32.768-12.5-20 Datasheet HTML 5Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 6Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 7Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 8Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 9Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 10Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 11Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 12Page - Shoulder Electronics Limited. ZM146-32.768-12.5-20 Datasheet HTML 13Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
8/11
Carrier tape
(1) Conforms with EIA - 481
(2) Tolerance : ± 0.2
φ
1.0
+0.1
Unit = mm
φ1.5
+0.1
A
A
4±0.1
8.0±0.1
B - B
2±0.1
0.3±0.05
1.5±0.1
A - A
-0
-0
1.55±0.05
φ1.5
+0.1
A
A
4±0.1
8.0±0.1
B - B
2±0.1
0.3±0.05
1.5±0.1
A - A
-0
-0
1.55±0.05


Similar Part No. - ZM146-32.768-12.5-20

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ZM14.SIDE PULS-ZM14.SIDE Datasheet
214Kb / 2P
   Side Mounting Bracket
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com