Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTT-MX Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # ZTT-MX
Description  This specification shall cover the characteristics of the ceramic resonator 13.01-50.00MHZ.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

ZTT-MX Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  ZTT-MX Datasheet HTML 1Page - Shoulder Electronics Limited. ZTT-MX Datasheet HTML 2Page - Shoulder Electronics Limited. ZTT-MX Datasheet HTML 3Page - Shoulder Electronics Limited. ZTT-MX Datasheet HTML 4Page - Shoulder Electronics Limited. ZTT-MX Datasheet HTML 5Page - Shoulder Electronics Limited. ZTT-MX Datasheet HTML 6Page - Shoulder Electronics Limited. ZTT-MX Datasheet HTML 7Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4.2 ELECTRICAL SPECIFICATIONS
Items
Requirement
Oscillation Frequency Fosc(MHz)
13.01-50.00
Frequency Accuracy (%)
±
0.5
Resonant Impedance Ro(Ω)max.
30
Temperature Coefficient of Oscillation
Frequency (%) max.
±
0.3(Oscillation Frequency drift,
-25℃~+85℃)
Oscillation Frequency
Aging Rate (%) max *
±
0.3 (From initial value)
* Components shall be left in a chamber of +85±2℃ for 1000 hours, then measured after
leaving in natural condition for 1 hours.
5.TEST
5.1 Test Conditions
Parts shall be tested under the condition ( Temp.:20±15℃,Humidity :65±20%
R.H.) unless the standard condition(Temp.:25±2℃,Humidity :65±5% R.H.)
is regulated to measure.
5.2 Test Circuit
1M¦
IC:1/6TC74HCU04×2
X:CERAMIC RESONATOR
C1,C2:CAPACITOR
6 PHYSICAL AND ENVIRONMENTAL CHARACTERISTICS
No.
Item
Condition of Test
Performance
Requirement
6.1
Humidity
Subject the resonator at 40±2℃ and 90%-95%
R.H. for 500h, resonator shall be measured after
being placed in natural conditions for 1h.
It shall fulfill Table
1.
6.2
High
Temperature
Exposure
Subject the resonator to 85±2℃ for 500h,
resonator shall be measured after being placed in
natural conditions for 1h.
It shall fulfill Table
1.
6.3
Low
Temperature
Exposure
Subject the resonator to -25±2℃ for 500h,
resonator shall be measured after being placed in
natural conditions for 1h.
It shall fulfill Table
1.
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 3


Similar Part No. - ZTT-MX

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ZTT-MX ILSI-ZTT-MX Datasheet
57Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
PETERMANN-TECHNIK
ZTT-MX PETERMANN-ZTT-MX Datasheet
803Kb / 3P
   THT ZTT SERIES CERAMIC RESONATORS
logo
ILSI America LLC
ZTT-MX-20.000 ILSI-ZTT-MX-20.000 Datasheet
46Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
More results

Similar Description - ZTT-MX

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
ZTTCS-MX SHOULDER-ZTTCS-MX Datasheet
321Kb / 9P
   This specification shall cover the characteristics of the ceramic resonator 13.01-50.00MHZ.
ZTA-MX SHOULDER-ZTA-MX Datasheet
240Kb / 6P
   This specification shall cover the characteristics of the ceramic resonator 13.01-50.00MHZ.
ZTACS-MX SHOULDER-ZTACS-MX Datasheet
324Kb / 9P
   This specification shall cover the characteristics of the ceramic resonator 13.01-50.00MHZ.
ZTACV-MX SHOULDER-ZTACV-MX Datasheet
306Kb / 8P
   This specification shall cover the characteristics of the ceramic resonator 16.00-50.00MHZ.
logo
Tiger Electronic Co.,Lt...
LT10.7MS2 TGS-LT10.7MS2 Datasheet
460Kb / 8P
   This specification shall cover the characteristics of the ceramic
logo
Shoulder Electronics Li...
ZTT-MT SHOULDER-ZTT-MT Datasheet
263Kb / 7P
   This specification shall cover the characteristics of the ceramic resonator 6.01-13.00MHZ.
ZTACC-MG SHOULDER-ZTACC-MG Datasheet
302Kb / 9P
   This specification shall cover the characteristics of the ceramic resonator 1.84-8.00MHZ.
ZTACS-MT SHOULDER-ZTACS-MT Datasheet
288Kb / 8P
   This specification shall cover the characteristics of the ceramic resonator 6.00-13.00MHZ.
ZTTCS-MT SHOULDER-ZTTCS-MT Datasheet
335Kb / 9P
   This specification shall cover the characteristics of the ceramic resonator 6.00-13.00MHZ.
ZTTCC-MG SHOULDER-ZTTCC-MG Datasheet
308Kb / 9P
   This specification shall cover the characteristics of the ceramic resonator 1.84-8.00MHZ
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com