Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3474AIDRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TL3474AIDRG4
Description  HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3474AIDRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TL3474AIDRG4 Datasheet HTML 1Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 2Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 3Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 4Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 5Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 6Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 7Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 8Page - Texas Instruments TL3474AIDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TL3474, TL3474A
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
SLVS461B – JANUARY 2003 – REVISED JULY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage: VCC+ (see Note 1)
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC–
–18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (any input)
VCC±
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, II (each input)
±1 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±80 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total current into VCC+
80 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total current out of VCC–
80 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25
°C (see Note 3)
Unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 4 and 5): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC–/GND.
2. Differential voltages are at the noninverting input with respect to the inverting input. Excessive input current can flow when the input
is less than VCC– – 0.3 V.
3. The output can be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum
dissipation rating is not exceeded.
4. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
5. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
MAX
UNIT
VCC
±
Supply voltage
4
36
V
VIC
Common mode input voltage
VCC = 5 V
0
2.8
V
VIC
Common-mode input voltage
VCC
± = ±15 V
–15
12.8
V
TA
Operating free air temperature
TL3474C, TL3474AC
0
70
°C
TA
Operating free-air temperature
TL3474I, TL3474AI
–40
105
°C


Similar Part No. - TL3474AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3474AIDRG4 TI-TL3474AIDRG4 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TL3474AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472 TI-TL3472 Datasheet
68Kb / 5P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472-Q1 TI1-TL3472-Q1 Datasheet
175Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com