Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL431AAI-TRL Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL431AAI-TRL
Description  Adjustable Precision Shunt Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL431AAI-TRL Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL431AAI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APL431AAI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APL431AAI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APL431AAI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL431AAI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL431AAI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL431AAI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL431AAI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL431AAI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright  ANPEC Electronics Corp.
Rev. C.1 - Jun., 2003
APL431
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VKA
Cathode voltage
20
V
IK
Continuous cathode current range
100
mA
IREF
Reference current range
3mA
θJA
Thermal Resistance from Junction to Ambient in Free Air
SOT-23
SOT-23-5
SOT-89
TO-92
SO-8
416
357
250
250
210
°C/W
TA
Ambient temperature range
APL431XXC
APL431XXI
0 to 70
-40 to 85
°C
Tj
Junction temperature range
APL431XXC
APL431XXI
0 to 150
-40 to 150
°C
TSTG
Storage Temperature Range
-65 to 150
°C
Lead temperature range, Ts (Soldering, 10sec)
Original Device
260
TSOL
Lead Free Device
300
°C
Ordering and Marking Information
APL 4 3 1
Ele c . G ra d e
H a ndling C ode
Tem p . R a n g e
Pa c k a g e C o d e
E lec. G rade
A : 0 .5 % R e fe re nce V o ltage T o le ra nc e
B : 1 % R e fe re n c e V o lta g e T o le ra n c e
C : 2 % R e fe re n c e V o lta g e T o le ra n c e
P a ckage C o de
A : S O T -2 3
B : S O T -2 3 -5
D : S O T -8 9
E : T O -9 2
I : T O -9 2 S
K : S O -8
Y : C h ip F o rm
T e m p . R a nge
C : 0 to 7 0 C
I : -4 0 to 8 5 C
H andling C o de
P B : P la s tic B a g
T B : T a p e & B o x
T R : T a p e & R e e l
Lea d Fr e e C o de
L : L e ad F r ee D evice
B lan k : O r g in a l D evice
°
°
AP L
431
XX XX X
XX XX X - Da te Co d e
A P L 4 3 1 E /I :
A P L43 1 D /K :
A P L43 1
XX XX X
- D a te C o d e
XX XX X
A P L43 1 A /B :
431
Lea d Fr e e C o de
Absolute Maximum Ratings


Similar Part No. - APL431AAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL431L ANPEC-APL431L Datasheet
212Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulator
APL431LAAC-PB ANPEC-APL431LAAC-PB Datasheet
212Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulator
APL431LAAC-PBL ANPEC-APL431LAAC-PBL Datasheet
212Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulator
APL431LAAC-TB ANPEC-APL431LAAC-TB Datasheet
212Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulator
APL431LAAC-TBL ANPEC-APL431LAAC-TBL Datasheet
212Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulator
More results

Similar Description - APL431AAI-TRL

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com