Electronic Components Datasheet Search
Selected language     English  ▼


LM2576 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM2576
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 4 page
background image
LM2576-5.0, LM2576HV-5.0
Electrical Characteristics (Continued)
Specifications with standard type face are for T
J = 25˚C, and those with Figure 2 boldface type apply over full Operating Tem-
perature Range.
Symbol
Parameter
Conditions
LM2576-5.0
Units
(Limits)
LM2576HV-5.0
Typ
Limit
(Note 2)
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
η
Efficiency
V
IN = 12V, ILOAD =3A
77
%
LM2576-12, LM2576HV-12
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Temperature
Range.
Symbol
Parameter
Conditions
LM2576-12
Units
(Limits)
LM2576HV-12
Typ
Limit
(Note 2)
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
V
OUT
Output Voltage
V
IN = 25V, ILOAD = 0.5A
12
V
Circuit of Figure 2
11.76
V(Min)
12.24
V(Max)
V
OUT
Output Voltage
0.5A
≤ I
LOAD
≤ 3A,
12
V
LM2576
15V
≤ V
IN
≤ 40V
11.52/11.40
V(Min)
Circuit of Figure 2
12.48/12.60
V(Max)
V
OUT
Output Voltage
0.5A
≤ I
LOAD
≤ 3A,
12
V
LM2576HV
15V
≤ V
IN
≤ 60V
11.52/11.40
V(Min)
Circuit of Figure 2
12.54/12.66
V(Max)
η
Efficiency
V
IN = 15V, ILOAD =3A
88
%
LM2576-15, LM2576HV-15
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Temperature
Range.
Symbol
Parameter
Conditions
LM2576-15
Units
(Limits)
LM2576HV-15
Typ
Limit
(Note 2)
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
V
OUT
Output Voltage
V
IN = 25V, ILOAD = 0.5A
15
V
Circuit of Figure 2
14.70
V(Min)
15.30
V(Max)
V
OUT
Output Voltage
0.5A
≤ I
LOAD
≤ 3A,
15
V
LM2576
18V
≤ V
IN
≤ 40V
14.40/14.25
V(Min)
Circuit of Figure 2
15.60/15.75
V(Max)
V
OUT
Output Voltage
0.5A
≤ I
LOAD
≤ 3A,
15
V
LM2576HV
18V
≤ V
IN
≤ 60V
14.40/14.25
V(Min)
Circuit of Figure 2
15.68/15.83
V(Max)
η
Efficiency
V
IN = 18V, ILOAD =3A
88
%
www.national.com
4




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM2599SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2677SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2678SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2678S-12SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2590HVSIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2591HVSIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2592HVSIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2670SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1575SIMPLE SWITCHER 1A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl