Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP05BRT-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # TMP05BRT-REEL
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP05BRT-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button TMP05BRT-REEL Datasheet HTML 2Page - Analog Devices TMP05BRT-REEL Datasheet HTML 3Page - Analog Devices TMP05BRT-REEL Datasheet HTML 4Page - Analog Devices TMP05BRT-REEL Datasheet HTML 5Page - Analog Devices TMP05BRT-REEL Datasheet HTML 6Page - Analog Devices TMP05BRT-REEL Datasheet HTML 7Page - Analog Devices TMP05BRT-REEL Datasheet HTML 8Page - Analog Devices TMP05BRT-REEL Datasheet HTML 9Page - Analog Devices TMP05BRT-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 6 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TMP05 OUTPUT (PUSH-PULL)4
Output High Voltage, VOH
VDD − 0.3
V
IOH = 800 µA
Output Low Voltage, VOL
0.4
V
IOL = 800 µA
Output High Current, IOUT5
2
mA
Typ VOH = 3.17 V with VDD = 3.3 V
Pin Capacitance
10
pF
Rise Time,6 tLH
50
ns
Fall Time,6 tHL
50
ns
RON Resistance (Low Output)
55
Supply and temperature dependent
TMP06 OUTPUT (OPEN DRAIN)4
Output Low Voltage, VOL
0.4
V
IOL = 1.6 mA
Output Low Voltage, VOL
1.2
V
IOL = 5.0 mA
Pin Capacitance
10
pF
High Output Leakage Current, IOH
0.1
5
µA
PWMOUT = 5.5 V
Device Turn-On Time
20
ms
Fall Time,7 tHL
30
ns
DIGITAL INPUTS4
Input Current
±1
µA
VIN = 0 V to VDD
Input Low Voltage, VIL
0.3 × VDD
V
Input High Voltage, VIH
0.7 × VDD
V
Pin Capacitance
3
10
pF
1 The accuracy specifications for 3.0 V to 3.6 V supply range are specified to 3-sigma performance. See
.
Figure 22
2 It is not recommended to operate the device at temperatures above 125°C for more than a total of 5% (5,000 hours) of the lifetime of the device. Any exposure beyond
this limit affects device reliability.
3 Normal mode current relates to current during TL. TMP05/TMP06 are not converting during TH, so quiescent current relates to current during TH.
4 Guaranteed by design and characterization, not production tested.
5 It is advisable to restrict the current being pulled from the TMP05 output, because any excess currents going through the die cause self-heating. As a consequence,
false temperature readings can occur.
6 Test load circuit is 100 pF to GND.
7 Test load circuit is 100 pF to GND, 10 kΩ to 5.5 V.


Similar Part No. - TMP05BRT-REEL

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TMP057-059-32-36 TRANSCOM-TMP057-059-32-36 Datasheet
18Kb / 1P
   5 W GaAs PA PCB Module for 5.8 GHz Application
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results

Similar Description - TMP05BRT-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com