Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V370PDC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # V370PDC
Description  High Performance PCI SDRAM Controller with Integrated Peripheral Control Unit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V370PDC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button V370PDC Datasheet HTML 6Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 7Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 8Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 9Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 10Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 11Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 12Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 13Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
V370PDC
10
V370PDC_A0 Data Sheet Rev 1.01 DS-PD01-0101
Copyright © 1999, V3 Semiconductor Inc.
Notes:
1. Input leakage currents include high impedance output leakage for all bi-directional buffers with tri-state out-
puts.
2. Signals without pull-up resistors have greater than 3mA low output current. Signals requiring pull resistors
have greater than 6mA output current. The latter include FRAME, TRDY, IRDY, STOP, SERR, PERR.
3. Absolute maximum pin capacitance for a PCI unit is 10pF (except for CLK).
4. Lower capacitance on this input-only pin allows for non-resistive coupling to AD[xx].
3.2
Local Bus DC Specifications
CIDSEL
IDSEL pin capacitance
8
pF
4
LPIN
Pin inductance
20
nH
Table 8: Local Bus Signals DC Operating Specifications (VCC = 3.3V+ 0.3V)
Symbol
Parameter
Condition
Min
Max
Units
VIH
Input high voltage
2.0
V
VIL
Input low voltage
0.8
V
IIH
Input high leakage current
VIN = VCC
-10
10
µA
IIL
Input low leakage current
VIN=GND
-10
10
µA
VOH
Output high voltage
IOUT = -2, -8, -12mA
2.4
V
VOL
Output low voltage
IOUT = 2, 8, 12mA
0.4
V
IOZL
Low level float input leakage
VOL = GND
-10
10
µA
IOZH
High level float input leakage
VOH = VCC
-10
10
µA
ICC (max) Maximum supply current
PCLK=33MHz,
CLKIN=66MHz,
Vcc=3.6v,
all buses operating
70
mA
ICC (typ)
Typical supply current
40
mA
CIO
Input and output capacitance
10
pF
Table 7: PCI Bus Signals DC Operating Specifications
Symbol
Parameter
Condition
Min
Max
Units
Notes


Similar Part No. - V370PDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V3731 ETC2-V3731 Datasheet
396Kb / 17P
   Interference suppression film capacitors
logo
Vicor Corporation
V375A12C150A VICOR-V375A12C150A Datasheet
175Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375A12C150A VICOR-V375A12C150A Datasheet
172Kb / 8P
   375Vin / 5Vout / 100Watts DC-DC Converter Module
V375A12C150A VICOR-V375A12C150A Datasheet
180Kb / 8P
   375Vin / 2Vout / 50Watts DC-DC Converter Module
V375A12C150B VICOR-V375A12C150B Datasheet
142Kb / 8P
   375Vin / 12Vout / 150Watts DC-DC Converter Module
More results

Similar Description - V370PDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT82C596B ETC-VT82C596B Datasheet
1Mb / 96P
   PCI INTEGRATED PERIPHERAL CONTROLLER
VT82C586B ETC-VT82C586B Datasheet
393Kb / 69P
   PCI INTEGRATED PERIPHERAL CONTROLLER
VT82C596A ETC-VT82C596A Datasheet
120Kb / 6P
   MOBILE PCI INTEGRATED PERIPHERAL CONTROLLER
VT82C686A ETC-VT82C686A Datasheet
45Kb / 5P
   PCI SUPER-I/O INTEGRATED PERIPHERAL CONTROLLER
VT82C686B ETC1-VT82C686B Datasheet
1Mb / 128P
   PCI Super-I/O Integrated Peripheral Controller
VT82C586A ETC-VT82C586A Datasheet
215Kb / 43P
   PIC Integrated Peripheral Controller
logo
NXP Semiconductors
SAA9730 PHILIPS-SAA9730 Datasheet
30Kb / 2P
   INTEGRATED MULTIMEDIA & PERIPHERAL CONTROLLER
1998
logo
Cypress Semiconductor
CY82C693UB CYPRESS-CY82C693UB Datasheet
1Mb / 164P
   hyperCache TM / Stand-Alone PCI Peripheral Controller with USB
logo
PLX Technology
USB2380 PLX-USB2380 Datasheet
133Kb / 2P
   PCI Express to USB 2.0 Peripheral Controller
USB3380 PLX-USB3380 Datasheet
117Kb / 2P
   PCI Express to USB 3.0 Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com