Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDJ0801HFV-TR Datasheet(PDF) 6 Page - Rohm

Part # BDJ0801HFV-TR
Description  Temperature Sensor ICs Low current Thermostat Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDJ0801HFV-TR Datasheet(HTML) 6 Page - Rohm

Back Button BDJ0801HFV-TR Datasheet HTML 2Page - Rohm BDJ0801HFV-TR Datasheet HTML 3Page - Rohm BDJ0801HFV-TR Datasheet HTML 4Page - Rohm BDJ0801HFV-TR Datasheet HTML 5Page - Rohm BDJ0801HFV-TR Datasheet HTML 6Page - Rohm BDJ0801HFV-TR Datasheet HTML 7Page - Rohm BDJ0801HFV-TR Datasheet HTML 8Page - Rohm BDJ0801HFV-TR Datasheet HTML 9Page - Rohm BDJ0801HFV-TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
BDJxxx1HFV Series
6/13
TSZ02201-0M2M0F515120-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
06.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Application Information
1. Function Diagram (ex. 80°C detect Active
–H type BDJ0801HFV)
The internal IC temperature sensor senses temperature. TEMP terminal output voltage is converted to temperature.
VTEMP value is 1.300[V] at Ta = 30[°C].
The value of VTEMP voltage reduction is inversely proportional to the temperature at a rate of -8.2mV/°C.
If the temperature exceeds the detect point temperature, the internal comparator forces the OS output to change from
“L” to “H”. (ex. Active-H Type)
OS returns to “L” when the temperature becomes 10°C lower than the detect point temperature.
0
2.0
1.0
VOS
VTEMP@30°C
(1.300V)
Temperature
Sensitivity
(-8.20mV/°C typ)
Detect Point Temperature
Hysteresis
(10°C typ)
Temperature [°C]
1.5
2.5
3.0
0.5
110
90
70
50
10
130
-30
30
-10
-50


Similar Part No. - BDJ0801HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0801HFV-TR ROHM-BDJ0801HFV-TR Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
More results

Similar Description - BDJ0801HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0800HFV ROHM-BDJ0800HFV Datasheet
1Mb / 17P
   Temperature Sensor ICs Low Current Thermostat Output
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0600AHFV ROHM-BDJ0600AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJXXX0HFV ROHM-BDJXXX0HFV Datasheet
279Kb / 10P
   Thermostat Output Temperature Sensor ICs with Power Down Function
BDE0600G ROHM-BDE0600G Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE0900G-TR ROHM-BDE0900G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE1000G-TR ROHM-BDE1000G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com