Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH1726NUC Datasheet(PDF) 10 Page - Rohm

Part # BH1726NUC
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1726NUC Datasheet(HTML) 10 Page - Rohm

Back Button BH1726NUC Datasheet HTML 6Page - Rohm BH1726NUC Datasheet HTML 7Page - Rohm BH1726NUC Datasheet HTML 8Page - Rohm BH1726NUC Datasheet HTML 9Page - Rohm BH1726NUC Datasheet HTML 10Page - Rohm BH1726NUC Datasheet HTML 11Page - Rohm BH1726NUC Datasheet HTML 12Page - Rohm BH1726NUC Datasheet HTML 13Page - Rohm BH1726NUC Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10/16
TSZ02201-0M3M0F616020-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
BH1726NUC
28.Apr.2016 Rev.001
Power supply sequence
ALL register of this IC is reset when VCC powers up. There are some notes about power up and down sequence as
shown below.
1. Power ON Time: t1
More than 2ms is needed to activate this IC after VCC becomes more than 2.3V from less than 0.4V.
2. Power OFF time: t2
More than 1ms (VCC < 0.4V) is needed before supplying power to this IC.
(Note1)
”Active” state is that this IC works and accept I
2C bus access correctly.
ALS Sensitivity Adjustment Function
This IC is capable of changing its ALS sensitivity. This is used to compensate the effect of attenuation by the optical
window. Adjustment is done by changing the measurement time. For example, when transmission rate of optical window
is 1/n (measurement result becomes 1/n times if optical window is set), the effect of optical window is compensated by
changing sensor sensitivity from default to n times.
Optical design for the device
PD area 0.41 x 0.43mm
Please design the optical window so that light can
cover at least this are.
2.1mm
2mm
1.05mm
0.9mm
0.9mm
0.72mm
0.4V
VCC
2.3V
Undefined Behavior
t1
IC state
Undefined Behavior
t2
Active
t1
Active
(Note 1)
Top View


Similar Part No. - BH1726NUC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH172 ADAM-TECH-BH172 Datasheet
126Kb / 1P
   BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
logo
Rohm
BH1721FVC ROHM-BH1721FVC Datasheet
325Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC Datasheet
463Kb / 19P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC-TR ROHM-BH1721FVC-TR Datasheet
325Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC-TR ROHM-BH1721FVC-TR Datasheet
463Kb / 19P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results

Similar Description - BH1726NUC

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1730FVC ROHM-BH1730FVC Datasheet
456Kb / 21P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1750FVI ROHM-BH1750FVI Datasheet
433Kb / 18P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1710FVC ROHM-BH1710FVC_09 Datasheet
464Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC Datasheet
325Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC_11 Datasheet
463Kb / 19P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1780GLI ROHM-BH1780GLI Datasheet
220Kb / 14P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1751FVI ROHM-BH1751FVI Datasheet
495Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC_10 Datasheet
404Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC Datasheet
447Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BU27030NUC ROHM-BU27030NUC Datasheet
1Mb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
06.Dec.2019 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com