Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH1721FVC-TR Datasheet(PDF) 5 Page - Rohm

Part # BH1721FVC-TR
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1721FVC-TR Datasheet(HTML) 5 Page - Rohm

  BH1721FVC-TR Datasheet HTML 1Page - Rohm BH1721FVC-TR Datasheet HTML 2Page - Rohm BH1721FVC-TR Datasheet HTML 3Page - Rohm BH1721FVC-TR Datasheet HTML 4Page - Rohm BH1721FVC-TR Datasheet HTML 5Page - Rohm BH1721FVC-TR Datasheet HTML 6Page - Rohm BH1721FVC-TR Datasheet HTML 7Page - Rohm BH1721FVC-TR Datasheet HTML 8Page - Rohm BH1721FVC-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
BH1721FVC
Technical Note
5/15
www.rohm.com
2011.11 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Instruction Set Architecture
Instruction
Opecode
Comments
Power Down
0000_0000
No active state.
Power On
0000_0001
Waiting for measurement command.
Continuously Auto-Resolution Mode
0001_0000
0010_0000
Switch measurement mode automatically by illuminance.
Continuously H-Resolution Mode
0001_0010
0010_0010
Start measurement at 1lx resolution.
Measurement Time is typically 120ms.
Continuously L-Resolution Mode
0001_0011
0001_0110
0010_0011
0010_0110
Start measurement at 8lx resolution.
Measurement Time is typically 16ms.
Change Measurement time
( High bit )
010_MT[9,8,7,6,5]
Change measurement time.
Please refer "adjust measurement result for influence of optical window."
Change Masurement time
( Low bit )
011_MT[4]_XXXX
Change measurement time.
Please refer "adjust measurement result for influence of optical window."
Don't input the other opecode.
Measurement mode explanation
Measurement Mode
Measurement Time.
Measurement Range.
Resolution
H-Resolution Mode
Typ. 120ms
0 - 8191 lx
1 lx
L-Resolution Mode
Typ. 16ms
0 - 65528 lx
8 lx
We recommend to use H-Resolution Mode.
Measurement time (integration time) of H-Resolution Mode is so long that some kind of noise (including in 50Hz / 60Hz
noise) is rejected. And H-Resolution Mode is 1 lx resolution so that it is suitable for darkness (less than 20 lx)
Auto-Resolution mode selects measurement mode automatically. It is determined after 16ms (typ.) passes from
measurement start. If BH1721FVC judges that current illuminance is more than 4000 lx, then Data is output at L-resolution
mode, else Data is output after 120ms(typ.) from measurement start at H-resolution mode. Please refer below flow chart.
Lux > 4000
Start
Select mode
Lux <= 4000
DATA output at L-resolution mode
after 16ms.(typ.)
Data output at H-resolution mode after
120ms passes from measurement start.
Auto-Resolution mode measurement


Similar Part No. - BH1721FVC-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1721FVC-TR ROHM-BH1721FVC-TR Datasheet
325Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results

Similar Description - BH1721FVC-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1730FVC ROHM-BH1730FVC Datasheet
456Kb / 21P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1750FVI ROHM-BH1750FVI Datasheet
433Kb / 18P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1710FVC ROHM-BH1710FVC_09 Datasheet
464Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC Datasheet
325Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1780GLI ROHM-BH1780GLI Datasheet
220Kb / 14P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1751FVI ROHM-BH1751FVI Datasheet
495Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC_10 Datasheet
404Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC Datasheet
447Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BU27030NUC ROHM-BU27030NUC Datasheet
1Mb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
06.Dec.2019 Rev.002
BH1726NUC ROHM-BH1726NUC Datasheet
1Mb / 20P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com