Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH1730FVC-TR Datasheet(PDF) 4 Page - Rohm

Part # BH1730FVC-TR
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1730FVC-TR Datasheet(HTML) 4 Page - Rohm

  BH1730FVC-TR Datasheet HTML 1Page - Rohm BH1730FVC-TR Datasheet HTML 2Page - Rohm BH1730FVC-TR Datasheet HTML 3Page - Rohm BH1730FVC-TR Datasheet HTML 4Page - Rohm BH1730FVC-TR Datasheet HTML 5Page - Rohm BH1730FVC-TR Datasheet HTML 6Page - Rohm BH1730FVC-TR Datasheet HTML 7Page - Rohm BH1730FVC-TR Datasheet HTML 8Page - Rohm BH1730FVC-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4/20
TSZ02201-0M3M0F616050-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
BH1730FVC
8.Jun.2016 Rev.001
Electrical Characteristics (VCC = 3.0V, VDVI = 3.0V, Ta = 25°C, unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Supply Current
ICC1
150
200
µA
EV = 100 lx
(Note 1)
CONTROL register(00h) = "03h"
and the other registers are default.
Power Down Current
ICC2
0.85
1.5
µA
No input Light
All registers are default.
Peak Wave Length of Type0
(Note 2)
λp0
600
nm
Peak Wave Length of Type1
(Note 2)
λp1
840
nm
ADC Count Value of Type0
D1k_0
1020
1200
1380
count
EV = 1000 lx
(Note 1)
TIMING register(01h) = "DAh"
GAIN register(07h) = "00h"
ADC Count Value of Type1
D1k_1
153
180
207
count
EV = 1000 lx
(Note 1)
TIMING register(01h) = "DAh"
GAIN register(07h) = "00h"
Dark (0 lx) Sensor Out of Type0
S0_0
0
0
2
count
No input Light
TIMING register(01h) = "DAh"
GAIN register(07h) = "00h"
Dark (0 lx) Sensor Out of Type1
S0_1
0
0
2
count
No input Light
TIMING register(01h) = "DAh"
GAIN
register(07h) = “00h”
Gain x1 Resolution of Type0
(Note 2)
rG1
0.83
lx/count TIMING register(01h) = "DAh"
(Note 1)
Gain x2 Resolution of Type0
(Note 2)
rG2
0.42
lx/count TIMING register(01h) = "DAh"
(Note 1)
Gain x64 Resolution of Type0
(Note 2)
rG64
0.014
lx/count TIMING register(01h) = "DAh"
(Note 1)
Gain x128 Resolution of Type0
(Note 2)
rG128
0.007
lx/count TIMING register(01h) = "DAh"
(Note 1)
Measurement Time
Tmt1
104.6
150
ms
TIMING register(01h) = "DAh"
Internal Clock Period
Tint
-
2.8
4.0
µs
INT Output 'L' Voltage
VINT
0
0.4
V
IINT = 3 mA
SCL, SDA Input 'H' Voltage 1
VIH1
0.7*VDVI
V
VDVI ≥ 1.8V
SCL, SDA Input 'H' Voltage 2
VIH2
1.26
V
1.65V
≤ VDVI <1.8V
SCL, SDA Input 'L' Voltage 1
VIL1
0.3*VDVI
V
VDVI ≥ 1.8V
SCL, SDA Input 'L' Voltage 2
VIL2
VDVI –1.26
V
1.65V
≤ VDVI < 1.8V
SCL, SDA, INT Input 'H' Current
IIH
10
µA
SCL, SDA, INT Input 'L' Current
IIL
10
µA
I
2C SCL Clock Frequency
fSCL
400
kHz
I
2C Bus Free Time
tBUF
1.3
µs
I
2C Hold Time (Repeated) START
Condition
tHDSTA
0.6
µs
I
2C Setup Time for a Repeated START
Condition
tSUSTA
0.6
µs
I
2C Setup Time for STOP Condition
tSUSTO
0.6
µs
I
2C Data Hold Time
tHDDAT
0
0.9
µs
I
2C Data Setup Time
tSUDAT
100
ns
I
2C 'L' Period of the SCL Clock
tLOW
1.3
µs
I
2C 'H' Period of the SCL Clock
tHIGH
0.6
µs
I
2C SDA Output 'L' Voltage
VOL
0
0.4
V
IOL = 3 mA
(Note 1) White LED is used as optical source.
(Note 2) Not 100% Tested


Similar Part No. - BH1730FVC-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1730FVC-TR ROHM-BH1730FVC-TR Datasheet
456Kb / 21P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results

Similar Description - BH1730FVC-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1730FVC ROHM-BH1730FVC Datasheet
456Kb / 21P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1750FVI ROHM-BH1750FVI Datasheet
433Kb / 18P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1710FVC ROHM-BH1710FVC_09 Datasheet
464Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC Datasheet
325Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC_11 Datasheet
463Kb / 19P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1780GLI ROHM-BH1780GLI Datasheet
220Kb / 14P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1751FVI ROHM-BH1751FVI Datasheet
495Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC_10 Datasheet
404Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC Datasheet
447Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BU27030NUC ROHM-BU27030NUC Datasheet
1Mb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
06.Dec.2019 Rev.002
BH1726NUC ROHM-BH1726NUC Datasheet
1Mb / 20P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com