Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH2226FV Datasheet(PDF) 3 Page - Rohm

Part # BH2226FV
Description  D/A Converters Standard 8bit 8ch Type
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH2226FV Datasheet(HTML) 3 Page - Rohm

  BH2226FV Datasheet HTML 1Page - Rohm BH2226FV Datasheet HTML 2Page - Rohm BH2226FV Datasheet HTML 3Page - Rohm BH2226FV Datasheet HTML 4Page - Rohm BH2226FV Datasheet HTML 5Page - Rohm BH2226FV Datasheet HTML 6Page - Rohm BH2226FV Datasheet HTML 7Page - Rohm BH2226FV Datasheet HTML 8Page - Rohm BH2226FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
BH2226FV
BH2226F
3/16
TSZ02201-0M2M0GZ15070-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
06.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Electrical Characteristics
(Unless otherwise specified, VCC=3.0V, RL=OPEN, CL=0pF, Ta=25°C)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
<Current Consumption>
VCC System
ICC
-
1.1
2.5
mA
CLK=1MHz, 80H setting
ICCPD
-
5
20
µA
At power down setting
<Logic Interface>
L input Voltage
VIL
GND
-
0.6
V
VCC=5V
H input Voltage
VIH
2.4
-
VCC
V
VCC=5V
Input Current
IIN
-10
-
+10
µA
L output Voltage
VOL
-
-
0.4
V
IOH=2.5mA
H output Voltage
VOH
VCC-0.4
-
-
V
IOL=0.4mA
<Buffer Amplifier>
Output Zero Scale Voltage
VZS1
GND
-
0.1
V
00H setting, at no load
VZS2
GND
-
0.3
V
00H setting, IOH=1.0mA
Output Full Scale Voltage
VFS1
VCC-0.1
-
VCC
V
FFH setting, at no load
VFS2
VCC-0.3
-
VCC
V
FFH setting, IOL=1.0mA
<D/A Converter Precision>
Differential Non Linearity Error
DNL
-1.0
-
+1.0
LSB
Input code 02H to FDH
Integral Non Linearity Error
INL
-1.5
-
+1.5
LSB
Input code 02H to FDH
VCC Power Source Voltage Rise
Time
trVCC
100
-
-
µs
VCC=
0V to 2.7V
Power ON Reset Release Voltage
VPOR
-
1.9
-
V


Similar Part No. - BH2226FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH2226FV ROHM-BH2226FV Datasheet
191Kb / 5P
   Expansion port function built in 8 Bit8chD/A converter
BH2226FV ROHM-BH2226FV Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
More results

Similar Description - BH2226FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2227FV ROHM-BH2227FV_15 Datasheet
1Mb / 18P
   D/A Converters Standard 8bit 4ch ??6ch Type
BH2219FVM ROHM-BH2219FVM_09 Datasheet
252Kb / 8P
   Standard 8bit 2ch-E3ch Type D/A Converters
BH2219FVM ROHM-BH2219FVM_15 Datasheet
1Mb / 17P
   D/A Converters Standard 8bit 2ch ??3ch Type
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2227FV ROHM-BH2227FV_09 Datasheet
257Kb / 9P
   Standard 8bit 4ch-E6ch Type D/A Converters
BH2227FV ROHM-BH2227FV_11 Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
logo
Mitsubishi Electric Sem...
M62353AGP MITSUBISHI-M62353AGP Datasheet
565Kb / 6P
   8BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com