Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH2228FV-E2 Datasheet(PDF) 9 Page - Rohm

Part # BH2228FV-E2
Description  D/A Converters Standard 8bit 4ch ??6ch Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH2228FV-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BH2228FV-E2 Datasheet HTML 5Page - Rohm BH2228FV-E2 Datasheet HTML 6Page - Rohm BH2228FV-E2 Datasheet HTML 7Page - Rohm BH2228FV-E2 Datasheet HTML 8Page - Rohm BH2228FV-E2 Datasheet HTML 9Page - Rohm BH2228FV-E2 Datasheet HTML 10Page - Rohm BH2228FV-E2 Datasheet HTML 11Page - Rohm BH2228FV-E2 Datasheet HTML 12Page - Rohm BH2228FV-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
BH2227FV
BH2228FV
9/14
TSZ02201-0M2M0GZ15080-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
06.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Power Dissipation
・SSOP-B14
Board size : 70mm x 70mm x 1.6mm
Material : FR4 glass epoxy board (copper foil area less than 3%)
I/O Equivalent Circuit
Terminal
Equivalent Circuit
Terminal
Equivalent Circuit
AO1
AO2
AO3
AO4
AO5
AO6
DI
CLK
CSB
0
0.1
0.2
0.3
0.4
0.5
0
25
50
75
100
125
Temperature : Ta [°C]
V
S
S
V
S
S
V
D
D
V
D
D
VDD
VDD
VSS
VSS
V
S
S
V
S
S
V
D
D
V
D
D
VDD
VDD
VSS
VSS


Similar Part No. - BH2228FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH2228FV ROHM-BH2228FV Datasheet
261Kb / 5P
   8bit 6ch D/A converter
BH2228FV ROHM-BH2228FV Datasheet
257Kb / 9P
   Standard 8bit 4ch-E6ch Type D/A Converters
BH2228FV ROHM-BH2228FV Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
More results

Similar Description - BH2228FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH2227FV ROHM-BH2227FV_09 Datasheet
257Kb / 9P
   Standard 8bit 4ch-E6ch Type D/A Converters
BH2227FV ROHM-BH2227FV_11 Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BH2228FV ROHM-BH2228FV Datasheet
261Kb / 5P
   8bit 6ch D/A converter
BH2219FVM ROHM-BH2219FVM_09 Datasheet
252Kb / 8P
   Standard 8bit 2ch-E3ch Type D/A Converters
BH2219FVM ROHM-BH2219FVM_15 Datasheet
1Mb / 17P
   D/A Converters Standard 8bit 2ch ??3ch Type
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com