Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2363FV Datasheet(PDF) 9 Page - Rohm

Part # BU2363FV
Description  Clock Generator for Audio/Video Equipment
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2363FV Datasheet(HTML) 9 Page - Rohm

Back Button BU2363FV_15 Datasheet HTML 5Page - Rohm BU2363FV_15 Datasheet HTML 6Page - Rohm BU2363FV_15 Datasheet HTML 7Page - Rohm BU2363FV_15 Datasheet HTML 8Page - Rohm BU2363FV_15 Datasheet HTML 9Page - Rohm BU2363FV_15 Datasheet HTML 10Page - Rohm BU2363FV_15 Datasheet HTML 11Page - Rohm BU2363FV_15 Datasheet HTML 12Page - Rohm BU2363FV_15 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
BU2363FV
9/19
TSZ02201-0E3E0J500690-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
04.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Figure 18. 18.4MHz Spectrum
(VDD=3.3V, at CL=15pF)
10KHz
/div
RBW=1KHz
VBW=100Hz
Typical Performance Curves
– continued
Figure 17. 18.4MHz Period-Jitter
(VDD=3.3V, at CL=15pF)
500psec
/div


Similar Part No. - BU2363FV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2363FVFV-E2 ROHM-BU2363FVFV-E2 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
More results

Similar Description - BU2363FV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Rohm
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com